Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 1351 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 1351 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 1347Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1348Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1349Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1350Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1351Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1352Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1353Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1354Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1355Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1351 / 1386 page
background image
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
Glossary-7
Protection boundary. Boundary between protection domains.
Protection domain. A protection domain is a segment, a virtual page, a BAT area, or a
range of unmapped effective addresses. It is defined only when the appropriate
relocate bit in the MSR (IR or DR) is 1.
Q
Quad word. A group of 16 contiguous locations starting at an address divisible by 16.
R
rA. Instruction field that specifies a GPR to be used as a source or destination.
rB. Instruction field that specifies a GPR to be used as a source.
rD. Instruction field that specifies a GPR to be used as a destination.
rS. Instruction field that specifies a GPR to be used as a source.
Real address mode. An MMU mode when no address translation is performed and the
effective address specified is the same as the physical address. The processor’s
MMU is operating in real address mode if its ability to perform address translation
was disabled through the MSR registers IR or DR bits.
Record bit. Bit 31 (or the Rc bit) in the instruction encoding. When set, it updates the
condition register (CR) to reflect the result of the operation.
Register indirect addressing. A form of addressing that specifies one GPR that contains
the address for the load or store.
Register indirect with immediate index addressing. A form of addressing that specifies
an immediate value to be added to the contents of a specified GPR to form the
target address for the load or store.
Register indirect with index addressing. A form of addressing that specifies that the
contents of two GPRs be added together to yield the target address for the load or
store.
Reservation. The processor establishes a reservation on a cache block of memory space
when it executes an lwarx instruction to read a memory semaphore into a GPR.
Reserved field. In a register, a reserved field is one that is not assigned a function. A
reserved field may be a single bit. The handling of reserved bits is
implementation-dependent. Software is permitted to write any value to such a bit.
A subsequent reading of the bit returns 0 if the value last written to the bit was 0
and returns an undefined value (0 or 1) otherwise.
RISC (reduced instruction set computing). An architecture characterized by fixed-length
instructions with nonoverlapping functionality and by a separate set of load and
store instructions that perform memory accesses.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com