Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 1352 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 1352 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 1348Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1349Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1350Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1351Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1352Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1353Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1354Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1355Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1356Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1352 / 1386 page
background image
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Glossary-8
Freescale Semiconductor
S
Scalability. The capability of an architecture to generate implementations specific for a
wide range of purposes, and in particular implementations of significantly greater
performance or functionality than at present, while maintaining compatibility with
current implementations.
Scan chain. The peripheral buffers of a device, linked in JTAG test mode, which are
addressed in a shift-register fashion.
Set (v). To write a nonzero value to a bit or bit field; the opposite of clear. The term ‘set’
may also be used to describe updating of a bit or bit field.
Set (n). A subdivision of a cache. Cacheable data can be stored in a given location in any
one of the sets, typically corresponding to its lower-order address bits. Because
several memory locations can map to the same location, cached data is typically
placed in the set whose cache block corresponding to that address was used least
recently. See Set-associative.
Set-associative. Aspect of cache organization in which the cache space is divided into
sections, called sets. The cache controller associates a particular main memory
address with the contents of a particular set or region within the cache.
Significand. The component of a binary floating-point number that consists of an explicit
or implicit leading bit to the left of its implied binary point and a fraction field to
the right.
Slave. A device that responds to the master’s address. A slave receives data on a write cycle
and gives data to the master on a read cycle.
Static branch prediction. Mechanism by which software (for example, compilers) can
give a hint to the machine hardware about the direction a branch is likely to take.
Sticky bit. A bit that when set must be cleared explicitly.
Superscalar machine. A machine that can issue multiple instructions concurrently from a
conventional linear instruction stream.
Supervisor mode. The privileged operation state of a processor. In supervisor mode,
software, typically the operating system, can access all control registers and can
access the supervisor memory space, among other privileged operations.
Synchronization. A process to ensure that operations occur strictly in order. See Context
synchronization and Execution synchronization.
Synchronous exception. An exception that is generated by the execution of a particular
instruction or instruction sequence. The two types of synchronous exceptions are
precise and imprecise.
System memory. Physical memory available to a processor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com