Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 1348 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 1348 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 1344Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1345Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1346Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1347Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1348Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1349Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1350Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1351Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1352Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1348 / 1386 page
background image
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Glossary-4
Freescale Semiconductor
integer data manipulation instructions. Integer load instructions move data from
memory to GPRs and store instructions move data from GPRs to memory.
H
Harvard architecture. An architectural model featuring separate caches for instructions
and data.
I
IEEE 754. A standard written by the Institute of Electrical and Electronics Engineers that
defines operations and representations of binary floating-point arithmetic.
Illegal instructions. A class of instructions that are not implemented for a particular
processor that implement the PowerPC architecture. These include instructions
not defined by the PowerPC architecture. In addition, for 32-bit implementations,
instructions that are defined only for 64-bit implementations are considered to be
illegal instructions. For 64-bit implementations instructions that are defined only
for 32-bit implementations are considered to be illegal instructions.
Implementation. A particular processor that conforms to the PowerPC architecture, but
may differ from other architecture-compliant implementations (for example, in
design, feature set, and implementation of optional features). The PowerPC
architecture has many different implementations.
Implementation-dependent. An aspect of a feature in a processor’s design that is defined
by a processor’s design specifications rather than by the PowerPC architecture.
Implementation-specific. An aspect of a feature in a processor’s design that is not required
by the PowerPC architecture, but for which the PowerPC architecture may provide
concessions to ensure that processors that implement the feature do so
consistently.
Imprecise exception. A type of synchronous exception that is allowed not to adhere to the
precise exception model (See also Precise exception). The PowerPC architecture
allows only floating-point exceptions to be handled imprecisely.
Internal bus. The bus connecting the core and system interface unit (SIU).
Instruction latency. The total number of clock cycles necessary to execute an instruction
and make ready the results of that instruction.
Interrupt. An asynchronous exception. On PowerPC processors, interrupts are a special
case of exceptions. See also Asynchronous exception.
L
Latency. Time that an operation requires. For example, execution latency is the number of
processor clocks an instruction takes to execute. Memory latency is the number of
bus clocks needed to perform a memory operation.
Least-significant bit (lsb). The bit of least value in an address, register, data element, or
instruction encoding.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com