Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 1346 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 1346 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 1342Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1343Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1344Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1345Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1346Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1347Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1348Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1349Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1350Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1346 / 1386 page
background image
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Glossary-2
Freescale Semiconductor
Burst. A bus transfer whose data phase consists of a sequence of transfers. For example,
on a 64-bit bus, a 4-beat burst can transfer four 64-bit double words.
Bus parking. A feature that optimizes the use of the bus by allowing a device to retain bus
mastership without having to rearbitrate.
C
Cache. High-speed memory component containing recently-accessed data and/or
instructions (subset of main memory).
Cache coherency. An attribute in which an accurate and common view of memory is
provided to all devices that share a memory system. Caches are coherent if a
processor performing a read from its cache is supplied with data corresponding to
the most recent value written to memory or to another processor’s cache.
Cache flush. An operation that removes from a cache any data from a specified address
range. This operation ensures that any modified data within the specified address
range is written back to main memory. This operation is generated typically by a
Data Cache Block Flush (dcbf) instruction.
Caching-inhibited. A memory update policy in which the cache is bypassed and the load
or store is performed to or from main memory.
Cast-outs. Cache blocks that must be written to memory when a cache miss causes a cache
block to be replaced.
Changed bit. One of two page history bits found in each page table entry (PTE). The
processor sets the changed bit if any store is performed into the page. See also
Page access history bits and Referenced bit.
Clear. To cause a bit or bit field to register a value of zero. The opposite of 'set'.
Context synchronization. An operation that ensures that all instructions in execution
complete past the point where they can produce an exception, that all instructions
in execution complete in the context in which they began execution, and that all
subsequent instructions are fetched and executed in the new context. Context
synchronization may result from executing specific instructions (such as isync or
rfi) or when certain events occur (such as an exception).
Copy-back. An operation in which modified data in a cache block is copied back to
memory.
Critical-data first. An aspect of burst accesses that allow the requested data (typically a
word or double word) in a cache block to be transferred first.
D
Denormalized number. A nonzero floating-point number whose exponent has a reserved
value, usually the format's minimum, and whose explicit or implicit leading
significand bit is zero.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com