Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 1345 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 1345 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 1341Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1342Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1343Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1344Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1345Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1346Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1347Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1348Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1349Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1345 / 1386 page
background image
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
Glossary-1
Glossary of Terms and Abbreviations
The glossary contains an alphabetical list of terms, phrases, and abbreviations used in this book. Some of
the terms and definitions included in the glossary are reprinted from IEEE Std. 754-1985, IEEE Standard
for Binary Floating-Point Arithmetic, copyright ©1985 by the Institute of Electrical and Electronics
Engineers, Inc. with the permission of the IEEE.
Note that some terms are defined in the context usage in this book.
A
Architecture. A detailed specification of requirements for a processor or computer system.
It does not specify details for implementing the processor or computer system;
instead, it provides a template for a family of compatible implementations.
Asynchronous exception. Exception caused by events external to the processor’s
execution. In this document, the term ‘asynchronous exception’ is used
interchangeably with the word 'interrupt'.
Atomic access. A bus access that attempts to be part of a read-write operation to the same
address uninterrupted by any other access to that address (the term refers to the
fact that the transactions are indivisible). The PowerPC architecture implements
atomic accesses through the lwarx/stwcx. instruction pair.
Autobaud. The process of determining a serial data rate by timing the width of a single bit.
B
Big-endian. A byte-ordering method in memory where the address n of a word corresponds
to the most-significant byte. In an addressed memory word, the bytes are ordered
(left to right) 0, 1, 2, 3, with 0 as the most-significant byte. See Little-endian.
Blockage. A pipeline stall that occurs when an instruction occupies an execution unit and
prevents a subsequent instruction from being dispatched.
Boundedly undefined. A characteristic of results of certain operations that are not rigidly
prescribed by the PowerPC architecture. Boundedly- undefined results for a given
operation may vary among implementations, and between execution attempts in
the same implementation. Although the architecture does not prescribe the exact
behavior for when results are allowed to be boundedly undefined, the results of
executing instructions in contexts where results are allowed to be boundedly
undefined are constrained to ones that could have been achieved by executing an
arbitrary sequence of defined instructions, in valid form, starting in the state the
machine was in before attempting to execute the given instruction.
Breakpoint. A programmable event that forces the core to take a breakpoint exception.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com