Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 1378 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 1378 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 1374Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1375Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1376Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1377Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1378Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1379Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1380Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1381Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1382Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1378 / 1386 page
background image
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Index-24
Freescale Semiconductor
overview, 28-5, 28-30
transparent mode, 28-6
UART mode, 28-6
power, saving, 28-10
programming the controller, 28-11
protocol switching, 28-9
reinitializing the receiver, 28-9
reinitializing the transmitter, 28-9
selecting modes, 28-2
sending a break, 28-12
sending a preamble, 28-13
switching protocols, 28-9
transparent mode
features list, 28-20
overview, 28-20
parameter RAM, 28-6
reception process, 28-21
RxBD, 28-26
TxBD, 28-27
UART mode
character mode, 28-11
commands, 28-12
data handling, 28-11
error handling, 28-13
features list, 28-11
features not supported by SMCs, 28-10
frame format, 28-10
message-oriented mode, 28-11
overview, 28-10
parameter RAM, 28-6
programming example, 28-19
reception process, 28-11
RxBD, 28-13
transmission process, 28-11
TxBD, 28-17
Serial mode
parameter RAM configuration, 34-27
Serial peripheral interface (SPI)
block diagram, 39-1
clocking and pin functions, 39-2
commands, 39-12
configuring the SPI, 39-2
features list, 39-1
interrupt handling, 39-18
master mode, 39-3
maximum receive buffer length (MRBLR), 39-11
multi-master operation, 39-4
parameter RAM, 39-10
programming example
master, 39-16
slave, 39-17
programming model, 39-6
RxBD, 39-14
slave mode, 39-4
SPCOM, 39-10
SPIE, 39-9
SPIM, 39-9
SPMODE, 39-6
TxBD, 39-15
SI memory map, 3-24
SI memory map,, 3-15, 3-16, 3-17, 3-18
SI RAM programming example, 15-14
SI,, 1-lxxxi
SICR (SIU interrupt configuration register), 4-17
SICR,, 16-7
SIEXR (SIU external interrupt control register), 4-25
Signals
60x bus
TBST, 8-12
TCn, 8-12
TSIZn, 8-12
TTn, 8-9
byte-select signals, 11-75
chip-select signals, 11-74
general-purpose signals, 11-76
IDMA emulation
DACKx, 19-13
DONEx, 19-14
DREQx, 19-13
memory controller
byte-select signals, 11-10
EAMUX, 11-42
PSDVAL, 11-10, 11-58
SDRAM interface signals, 11-33
UPM interface signals, 11-63
UPM signal negation, 11-78
UPWAIT, 11-78
overview, 6-2
SPISEL, 27-24, 27-25
signals, external
description
EXTCLK,, 6-15
SIPMR_H (SIU high interrupt mask register), 4-22
SIPMR_L (SIU low interrupt mask register), 4-23
SIPNR_H (SIU high interrupt pending register), 4-21
SIPNR_L (SIU low interrupt pending register), 4-22
SIPRR (SIU interrupt priority register), 4-18
SIU memory map,, 3-2
SIUMCR (SIU module configuration register), 4-33
SIVEC (SIU interrupt vector register), 4-24
SMC memory map, 3-23
SMC,, 16-1
SMCE (SMC event) register
GCI mode, 28-35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com