Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 1381 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 1381 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 1377Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1378Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1379Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1380Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1381Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1382Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1383Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1384Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1385Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1381 / 1386 page
background image
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
Index-27
hunt mode, 21-9
normal asynchronous mode, 21-2
overview, 21-1
parameter RAM, 21-3
programming example, 21-22
RxBD, 21-14
serial management controllers
character mode, 28-11
commands, 28-12
data handling, 28-11
error handling, 28-13
features list, 28-11
features not supported by SMCs, 28-10
frame format, 28-10
message-oriented mode, 28-11
overview, 28-10
parameter RAM, 28-6
programming example, 28-19
reception process, 28-11
RxBD, 28-13
transmission process, 28-11
TxBD, 28-17
S-records loader application, 21-23
status reporting, 21-5
synchronous mode, 21-3
TxBD, 21-18
Universal serial bus (USB) controller
buffer descriptor ring, 27-22
clocking and pin functions, 27-2
commands
CP commands, 27-32
RESTART Tx command, 27-33
STOP Tx command, 27-33
enabling, 27-1
endpoint parameter block, 27-13
EPxPTR, 27-13
error handling, 27-33
errors
transmission errors, 27-33
features, 27-2
FRAME_N, 27-15
function mode, 27-4
transmit buffer descriptor (Tx BD), 27-26
transmit/receive, 27-5
host mode, 27-7
SOF transmission, 27-12
transmit buffer descriptor (Tx BD), 27-28
transmit/receive, 27-8
limitations, unsupported tasks, 27-2
overview, 27-1
parameter RAM, 27-12
memory map, 27-12
programming model, 27-16
receive buffer descriptor (Rx BD), 27-24
registers
RFCR (receive function code register), 27-16
TFCR (transmit function code register), 27-16
USADR (USB slave address register), 27-17
USBER (USB slave address register), 27-20
USBMR (USB mask register), 27-21
USBS (USB status register), 27-21
USCOM (USB command register), 27-19
USEPn (USB endpoint registers 1–4), 27-18
USMOD (USB mode register), 27-17
tokens, 27-6, 27-10
UPMs (user-programmable machines)
access times, handling devices, 11-102
address control bits, 11-77
address mulitplexing, 11-77
clock timing, 11-67
data sample control, 11-77
data valid, 11-77
differences between MPC8xx and MPC8280, 11-80
DRAM configuration example, 11-79
EDO interface example, 11-92
exception requests, 11-67
hierarchical bus interface example, 11-102
implementation differences with SDRAM machine and
GPCM, 11-6
loop control, 11-76
memory access requests, 11-66
memory system interface example, 11-81
MPC8xx versus MPC8280, 11-80
overview, 11-63
programming the UPM, 11-67
RAM array, 11-69
RAM word, 11-70
refresh timer requests, 11-66
register settings, 11-80
requests, 11-65
signal negation, 11-78
software requests, 11-67
UPWAIT signal, 11-78
wait mechanism, 11-78



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com