Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 181 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 181 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 177Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 178Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 179Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 180Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 181Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 182Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 183Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 184Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 185Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 181 / 1386 page
background image
System Interface Unit (SIU)
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
4-9
If the software watchdog timer is programmed to generate an interrupt, it always generates a machine
check interrupt to the core. The external IRQ0 can generate MCP as well. Note that the core takes the
machine check interrupt when MCP is asserted; it takes an external interrupt for any other interrupt
asserted by the interrupt controller. The core will take the critical interrupt when CINT is asserted.
The interrupt controller allows masking of each interrupt source. Multiple events within a CPM sub-block
event are also maskable.
All interrupt sources are prioritized and bits are set in the interrupt pending register (SIPNR). On the
MPC8280, the prioritization of the interrupt sources is flexible in the following two aspects:
•
The relative priority of the FCCs, SCCs, and MCCs can be modified
•
One interrupt source can be assigned the highest priority
When an unmasked interrupt source is pending in the SIPNR, the interrupt controller sends an interrupt
request to the core. When an exception is taken, the interrupt mask bit in the machine state register
(MSR[EE]) is cleared to disable further interrupt requests until software can handle them.
The SIU interrupt vector register (SIVEC) is updated with a 6-bit vector corresponding to the sub-block
with the highest current priority.
4.2.1.1
Machine Check Interrupt
There are several sources for a machine check interrupt (MCP):
•
Software watchdog timer (when programmed to generate an interrupt—See Section 4.1.5,
“Software Watchdog Timer.”)
•IRQ0 signal (when the internal core is enabled)
•
Memory controller for parity/ECC errors (see Section 10.2.6, “Machine Check Interrupt (MCP)
Generation”)
•
PCI bridge
•
Bus monitor time out (on an address only transaction—see Section 4.1.1, “Bus Monitor”)
When the internal core is enabled, these sources cause the interrupt controller to send a MCP to the core.
When the core is disabled the MCP assertion is reflected on IRQ0/NMI_OUT so that an external core can
serve it.
4.2.1.2
INT Interrupt
Besides the MCP sources listed above, other interrupts are taken by the core through the INT interrupt. If
the internal core is disabled, INT is reflected on IRQ7/INT_OUT so that an external core can serve it.
The interrupt controller allows masking of each interrupt source. Multiple events within a CPM sub-block
event are also maskable.
4.2.2
Interrupt Source Priorities
The interrupt controller has 37 interrupt sources that assert one interrupt request to the core. Table 4-2
shows prioritization of all interrupt sources. As described in following sections, flexibility exists in the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com