Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 184 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 184 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 180Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 181Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 182Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 183Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 184Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 185Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 186Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 187Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 188Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 184 / 1386 page
background image
System Interface Unit (SIU)
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
4-12
Freescale Semiconductor
Notice the lack of SDMA interrupt sources, which are reported through each individual FCC, SCC, SMC,
SPI, or I2C channel. The only true SDMA interrupt source is the SDMA channel bus error entry that is
reported when a bus error occurs during an SDMA access. There are two ways to add flexibility to the table
of CPM interrupt priorities—the FCC, MCC, and SCC relative priority option, described in
Section 4.2.2.1, “SCC, FCC, and MCC Relative Priority,” and the highest priority option, described in
Section 4.2.2.3, “Highest Priority Interrupt.”
4.2.2.1
SCC, FCC, and MCC Relative Priority
The relative priority between the four SCCs, three FCCs, and MCC is programmable and can be changed
dynamically. In Table 4-2 there is no entry for SCC1–SCC4, MCC1–MCC2, FCC1–FCC3, but rather there
are entries for XCC1–XCC8 and YCC1–YCC8. Each SCC can be mapped to any YCC location and each
FCC and MCC can be mapped to any XCC location. The SCC, FCC, and MCC priorities are programmed
in the CPM interrupt priority registers (SCPRR_H and SCPRR_L) and can be changed dynamically to
implement a rotating priority.
In addition, the grouping of the locations of the YCC entries has the following two options
•
Group. In the group scheme, all SCCs are grouped together at the top of the priority table, ahead
of most other CPM interrupt sources. This scheme is ideal for applications where all SCCs, FCCs,
and MCCs function at a very high data rate and interrupt latency is very important.
60
YCC6 (Spread)
Yes
61
Parallel I/O–PC4
No
62
XSIU7 (GSIU = 1)
No (TMCNT,PIT,PCI = Yes)
63
IDMA4
Yes
64
SPI
Yes
65
Parallel I/O–PC3
No
66
Parallel I/O–PC2
No
67
SMC1
Yes
68
YCC7 (spread)
Yes
69
SMC2
Yes
70
Parallel I/O–PC1
No
71
Parallel I/O–PC0
No
72
XSIU8 (GSIU = 1)
No (TMCNT,PIT,PCI = Yes)
73
YCC8(spread)
Yes
74
Reserved
—
Table 4-2. Interrupt Source Priority Levels (continued)
Priority Level
Interrupt Source Description
Multiple Events



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com