Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 189 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 189 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 185Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 186Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 187Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 188Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 189Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 190Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 191Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 192Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 193Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 189 / 1386 page
background image
System Interface Unit (SIU)
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
4-17
4.3
Programming Model
The SIU registers are grouped into the following three categories:
•
Interrupt controller registers. These registers control configuration, prioritization, and masking of
interrupts. They also include registers for determining the interrupt sources. These registers are
described in Section 4.3.1, “Interrupt Controller Registers.”
•
System configuration and protection registers. These include registers for configuring the SIU,
defining the base address for the internal memory map, configuring the watchdog timer, specifying
bus characteristics, as well as general functionality of the 60x, and local buses such as arbitration,
error status, and control. These registers are described in Section 4.3.2, “System Configuration and
Protection Registers.”
•
Periodic interrupt registers. These include registers for configuring and providing status for
periodic interrupts. See Section 4.3.3, “Periodic Interrupt Registers.”
4.3.1
Interrupt Controller Registers
There are seven interrupt controller registers, described in the following sections:
•
Section 4.3.1.1, “SIU Interrupt Configuration Register (SICR)”
•
Section 4.3.1.2, “SIU Interrupt Priority Register (SIPRR)”
•
Section 4.3.1.3, “CPM Interrupt Priority Registers (SCPRR_H and SCPRR_L)”
•
Section 4.3.1.4, “SIU Interrupt Pending Registers (SIPNR_H and SIPNR_L)”
•
Section 4.3.1.5, “SIU Interrupt Mask Registers (SIMR_H and SIMR_L)”
•
Section 4.3.1.6, “SIU Interrupt Vector Register (SIVEC)”
•
Section 4.3.1.7, “SIU External Interrupt Control Register (SIEXR)”
4.3.1.1
SIU Interrupt Configuration Register (SICR)
The SIU interrupt configuration register (SICR), shown in Figure 4-10, defines the highest priority
interrupt and whether interrupts are grouped or spread in the priority table, Table 4-2.
0
1
2
7
8
131415
Field
—
HP
—
GSIU
SPS
Reset
0000_0000_0000_0000
R/W
R/W
Addr
0x10C00
Figure 4-10. SIU Interrupt Configuration Register (SICR)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com