Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 190 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 190 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 186Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 187Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 188Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 189Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 190Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 191Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 192Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 193Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 194Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 190 / 1386 page
background image
System Interface Unit (SIU)
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
4-18
Freescale Semiconductor
The SICR register bits are described in Table 4-4.
4.3.1.2
SIU Interrupt Priority Register (SIPRR)
The SIU interrupt priority register (SIPRR), shown in Figure 4-11, defines the priority between
IRQ1–IRQ5, PIT, PCI, and TMCNT.
Table 4-4. SICR Field Descriptions
Bits
Name
Description
0–1
—
Reserved, should be cleared.
2–7
HP
Highest priority. Specifies the 6-bit interrupt number of the single interrupt controller interrupt source
that is advanced to the highest priority in the table. HP can be modified dynamically. To retain the
original priority, program HP to the interrupt number assigned to XSIU1. Port C interrupts have a fixed
priority level and cannot be advanced to the highest priority level.
8–13
—
Reserved, should be cleared.
14
GSIU Group SIU. Selects the relative XSIU priority scheme. It cannot be changed dynamically.
0 Grouped. The XSIUs are grouped by priority at the top of the table.
1 Spread. The XSIUs are spread by priority in the table.
15
SPS
Spread priority scheme. Selects the relative YCC priority scheme. It cannot be changed dynamically.
0 Grouped. The YCCs are grouped by priority at the top of the table.
1 Spread. The YCCs are spread by priority in the table.
02
35
68
9
11
12
15
Field
XS1P
XS2P
XS3P
XS4P
—
Reset
000
001
010
011
0000
R/W
R/W
Addr
0x10C10
16
18
19
21
22
24
25
27
28
31
Field
XS5P
XS6P
XS7P
XS8P
—
Reset
100
101
110
111
0000
R/W
R/W
Addr
0x10C12
Figure 4-11. SIU Interrupt Priority Register (SIPRR)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com