Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAC50C Datasheet(PDF) 2 Page - Bookham, Inc.

Part # BAC50C
Description  50W 806nm High Power Laser Diode Bar on Microchannel Cooler
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOOKHAM [Bookham, Inc.]
Direct Link  
Logo BOOKHAM - Bookham, Inc.

BAC50C Datasheet(HTML) 2 Page - Bookham, Inc.

  BAC50C Datasheet HTML 1Page - Bookham, Inc. BAC50C Datasheet HTML 2Page - Bookham, Inc. BAC50C Datasheet HTML 3Page - Bookham, Inc. BAC50C Datasheet HTML 4Page - Bookham, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Data Sheet
2
Characteristics
[1] Wavelength selectable, extended range on request (780-1060nm).
Parameter
Symbol
Typical
Unit
CW Output Power
P
op
50
W
Center Wavelength
[1]
λ
c
806 ± 3
nm
Spectral Width (FWHM)
∆λ
3nm
Wavelength shift with temperature
d
λ
c/dTop
0.26
nm/°C
Beam Divergence (1/e2)
Parallel to Junction
θ
//
10
deg
Perpendicular to Junction
θ⊥
34
Polarization
-
TE
Threshold Current
I
th
13
A
Slope Efficiency
η
D=Pop/(Iop-Ith)
1.1
W/A
Conversion Efficiency
H=P
op/(VopxIop)45
%
Series Resistance
R
s
5m
Ω
Operating Current
I
op
60
A
Operating Voltage
V
op
2
V
Operating Temperature
T
op
25 ± 5
°C
Microcooler Flow
Q
w
22 ± 4
l/hrs
Microcooler Differential Pressure
P
w
0.7
bar
Bar Dimensions
Parameter
Symbol
Typical
Unit
Bar Width
b
10
mm
Resonator Length
l
1.2
mm
Number of Emitters
n25
-
Emitter Spacing
p
400
µm
Emitter Width
w
200
µm
Fill Factor
f
50
%



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com