Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCF4060B Datasheet(PDF) 5 Page - STMicroelectronics

Part # HCF4060B
Description  14-STAGE RIPPLE CARRY BINARY COUNTER/DIVIDER AND OSCILLATOR
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HCF4060B Datasheet(HTML) 5 Page - STMicroelectronics

  HCF4060B Datasheet HTML 1Page - STMicroelectronics HCF4060B Datasheet HTML 2Page - STMicroelectronics HCF4060B Datasheet HTML 3Page - STMicroelectronics HCF4060B Datasheet HTML 4Page - STMicroelectronics HCF4060B Datasheet HTML 5Page - STMicroelectronics HCF4060B Datasheet HTML 6Page - STMicroelectronics HCF4060B Datasheet HTML 7Page - STMicroelectronics HCF4060B Datasheet HTML 8Page - STMicroelectronics HCF4060B Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
HCF4060B
5/10
DYNAMIC ELECTRICAL CHARACTERISTICS (Tamb = 25°C, CL = 50pF, RL = 200KΩ,tr =tf =20ns)
(*) Typical temperature coefficient for all VDD values is 0.3%/°C, all input rise and fall times= 20 ns.
(**) RC Oscillator applications are not recommended at supply voltages below 7V for RX <50KΩ
Symbol
Parameter
Test Condition
Value (*)
Unit
VDD (V)
Min.
Typ.
Max.
tTLH tTHL Output Transition Time
5
100
200
ns
10
50
100
15
40
80
tPLH tPHL Propagation Delay Time (φ
to Q4 out)
5
370
740
ns
10
150
300
15
100
200
tPLH tPHL Propagation Delay Time
(Qn to Qn+1)
5
100
200
ns
10
50
100
15
40
80
tW
Input Pulse Width
5
f = 100 KHz
50
100
ns
10
20
40
15
15
30
tr tf
Input Pulse Rise and Fall
Time
5
Unlimited
µs
10
15
fmax
Maximum Clock Input
Frequency
5
3.5
7
MHz
10
8
16
15
12
24
RESET OPERATION
tPHL
Propagation Delay Time
5
180
360
ns
10
80
160
15
50
100
tW
Input Pulse Width
5
60
120
ns
10
30
60
15
20
40
RC OPERATION
Variation of Frequency
(Unit-to-Unit)
5
CX= 200pF, RS= 560KΩ, RX=50KΩ
18
21.5
25
KHz
10
20
23
26
15
21.1
24
27
Variation of Frequency
With Voltage Change
(Same Unit)
5to 10
CX= 200pF, RS= 560KΩ, RX=50KΩ
2
KHz
10 to 15
1
RX
5
CX=10µF
20
M
10
CX=50µF
20
15
CX=10µF
10
CX
5
RX=500KΩ
1000
µF
10
RX=300KΩ
50
15
RX=300KΩ
50
Maximum Oscillator
Frequency (**)
10
RX=5KΩ, CX= 15pF
530
650
810
KHz
15
690
800
940



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com