Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S29GL-P Datasheet(PDF) 21 Page - SPANSION

Part # S29GL-P
Description  3.0 Volt-only Page Mode Flash Memory featuring 90 nm MirrorBit Process Technology
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S29GL-P Datasheet(HTML) 21 Page - SPANSION

Back Button S29GL-P Datasheet HTML 17Page - SPANSION S29GL-P Datasheet HTML 18Page - SPANSION S29GL-P Datasheet HTML 19Page - SPANSION S29GL-P Datasheet HTML 20Page - SPANSION S29GL-P Datasheet HTML 21Page - SPANSION S29GL-P Datasheet HTML 22Page - SPANSION S29GL-P Datasheet HTML 23Page - SPANSION S29GL-P Datasheet HTML 24Page - SPANSION S29GL-P Datasheet HTML 25Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 77 page
background image
November 8, 2007 S29GL-P_00_A7
S29GL-P MirrorBit® Flash Family
21
Da ta
Shee t
(Prelim i nar y )
7.6
Autoselect
The Autoselect mode provides manufacturer ID, Device identification, and sector protection information,
through identifier codes output from the internal register (separate from the memory array) on DQ7-DQ0. This
mode is primarily intended for programming equipment to automatically match a device to be programmed
with its corresponding programming algorithm (see Table 7.3). The Autoselect codes can also be accessed
in-system.
There are two methods to access autoselect codes. One uses the autoselect command, the other applies VID
on address pin A9.
When using programming equipment, the autoselect mode requires VID (11.5 V to 12.5 V) on address pin A9.
Address pins must be as shown in Table 7.2.
To access Autoselect mode without using high voltage on A9, the host system must issue the Autoselect
command.
The Autoselect command sequence may be written to an address within a sector that is either in the read
or erase-suspend-read mode.
The Autoselect command may not be written while the device is actively programming or erasing.
The system must write the reset command to return to the read mode (or erase-suspend-read mode if the
sector was previously in Erase Suspend).
It is recommended that A9 apply VID after power-up sequence is completed. In addition, it is recommended
that A9 apply from VID to VIH/VIL before power-down the VCC/VIO.
See Table 12.1 on page 68 for command sequence details.
When verifying sector protection, the sector address must appear on the appropriate highest order address
bits (see Table 7.4 to Table 7.5). The remaining address bits are don't care. When all necessary bits have
been set as required, the programming equipment may then read the corresponding identifier code on
DQ15-DQ0. The Autoselect codes can also be accessed in-system through the command register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com