Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S29GL01GP Datasheet(PDF) 49 Page - SPANSION

Part # S29GL01GP
Description  3.0 Volt-only Page Mode Flash Memory featuring 90 nm MirrorBit Process Technology
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S29GL01GP Datasheet(HTML) 49 Page - SPANSION

Back Button S29GL01GP Datasheet HTML 45Page - SPANSION S29GL01GP Datasheet HTML 46Page - SPANSION S29GL01GP Datasheet HTML 47Page - SPANSION S29GL01GP Datasheet HTML 48Page - SPANSION S29GL01GP Datasheet HTML 49Page - SPANSION S29GL01GP Datasheet HTML 50Page - SPANSION S29GL01GP Datasheet HTML 51Page - SPANSION S29GL01GP Datasheet HTML 52Page - SPANSION S29GL01GP Datasheet HTML 53Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 77 page
background image
November 8, 2007 S29GL-P_00_A7
S29GL-P MirrorBit® Flash Family
49
Da ta
Shee t
(Prelim i nar y )
8.6.3
Write Pulse “Glitch Protection”
Noise pulses of less than 5 ns (typical) on OE#, CE# or WE# do not initiate a write cycle.
8.6.4
Power-Up Write Inhibit
If WE# = CE# = RESET# = VIL and OE# = VIH during power up, the device does not accept commands on the
rising edge of WE#. The internal state machine is automatically reset to the read mode on power-up.
9.
Power Conservation Modes
9.1
Standby Mode
When the system is not reading or writing to the device, it can place the device in the standby mode. In this
mode, current consumption is greatly reduced, and the outputs are placed in the high impedance state,
independent of the OE# input. The device enters the CMOS standby mode when the CE# and RESET#
inputs are both held at VCC ± 0.3 V. The device requires standard access time (tCE) for read access, before it
is ready to read data. If the device is deselected during erasure or programming, the device draws active
current until the operation is completed. ICC4 in “DC Characteristics” represents the standby current
specification
9.2
Automatic Sleep Mode
The automatic sleep mode minimizes Flash device energy consumption. The device automatically enables
this mode when addresses remain stable for tACC + 30 ns. The automatic sleep mode is independent of the
CE#, WE#, and OE# control signals. Standard address access timings provide new data when addresses are
changed. While in sleep mode, output data is latched and always available to the system. ICC6 in Section 11.6
represents the automatic sleep mode current specification.
9.3
Hardware RESET# Input Operation
The RESET# input provides a hardware method of resetting the device to reading array data. When RESET#
is driven low for at least a period of tRP, the device immediately terminates any operation in progress, tristates
all outputs, and ignores all read/write commands for the duration of the RESET# pulse. The device also
resets the internal state machine to reading array data. The operation that was interrupted should be
reinitiated once the device is ready to accept another command sequence to ensure data integrity.
When RESET# is held at VSS ± 0.3 V, the device draws ICC reset current (ICC5). If RESET# is held at VIL but
not within VSS ± 0.3 V, the standby current is greater.
RESET# may be tied to the system reset circuitry and thus, a system reset would also reset the Flash
memory, enabling the system to read the boot-up firmware from the Flash memory.
9.4
Output Disable (OE#)
When the OE# input is at VIH, output from the device is disabled. The outputs are placed in the high
impedance state. (With the exception of RY/BY#.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com