Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAC110C Datasheet(PDF) 1 Page - Bookham, Inc.

Part # BAC110C
Description  110W 10xxnm High Power Laser Diode Bar on Microchannel Cooler
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOOKHAM [Bookham, Inc.]
Direct Link  
Logo BOOKHAM - Bookham, Inc.

BAC110C Datasheet(HTML) 1 Page - Bookham, Inc.

  BAC110C Datasheet HTML 1Page - Bookham, Inc. BAC110C Datasheet HTML 2Page - Bookham, Inc. BAC110C Datasheet HTML 3Page - Bookham, Inc. BAC110C Datasheet HTML 4Page - Bookham, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Features:
• Mounted 10mm x 2.4mm laser diode bar
• Active microchannel cooler (water-cooled)
• 110W operating power
• Highly reliable single quantum well MBE structure
• Telecom grade AuSn mounting technology
• Assembly option with Cu base and cover
• Standard wavelength at 1030nm
(others available on request)
• RoHS compliant
Applications:
• Direct applications such as material processing
• Nd:YAG laser replacement
• Medical
• Printing
Data Sheet
1
The Bookham BAC110C-10xx-01/02 50% fill factor laser diode
bar on microchannel cooler series has been designed to
provide the increased brightness and reliability required for
direct diode applications and as replacement for Nd:YAG
lasers. The proprietary E2 front mirror passivation process,
developed at our Zurich site, prevents Catastrophic Optical
Damage (COD) to the laser diode facet even at extremely high
output powers. The laser diode bars are mounted on an
expansion matched CuW submount onto a water-cooled
microchannel package providing very high reliability in CW and
pulsed (1-Hz type) applications.
110W 10xxnm High Power Laser Diode Bar on
Microchannel Cooler
BAC110C-10xx-01/02
Preliminary


Similar Part No. - BAC110C

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
BAC1 MURATA-PS-BAC1 Datasheet
873Kb / 14P
Isolated 1W Regulated Single Output AC/DC Converters
2021
BAC10 MURATA-PS-BAC10 Datasheet
651Kb / 12P
Isolated 10W Regulated Single Output AC/DC Converters
2021
BAC10S03DC MURATA-PS-BAC10S03DC Datasheet
651Kb / 12P
Isolated 10W Regulated Single Output AC/DC Converters
2021
BAC10S05DC MURATA-PS-BAC10S05DC Datasheet
651Kb / 12P
Isolated 10W Regulated Single Output AC/DC Converters
2021
BAC10S12DC MURATA-PS-BAC10S12DC Datasheet
651Kb / 12P
Isolated 10W Regulated Single Output AC/DC Converters
2021
More results

Similar Description - BAC110C

ManufacturerPart #DatasheetDescription
logo
Bookham, Inc.
B60C-1060-01 BOOKHAM-B60C-1060-01 Datasheet
761Kb / 4P
60W 10xxnm High Power Bare Laser Diode Bar
BAC40C-806-01 BOOKHAM-BAC40C-806-01 Datasheet
263Kb / 4P
40W 806nm 30% Fill Factor High Power Laser Diode Bar on Microchannel Cooler
BAC50C BOOKHAM-BAC50C Datasheet
263Kb / 4P
50W 806nm High Power Laser Diode Bar on Microchannel Cooler
BAC80C BOOKHAM-BAC80C Datasheet
261Kb / 4P
80W 9xxnm High Power Laser Diode Bar on Microchannel Cooler
BAC120C BOOKHAM-BAC120C Datasheet
261Kb / 4P
120W 9xxnm High Power Laser Diode Bar on Microchannel Cooler
BPC40C BOOKHAM-BPC40C Datasheet
233Kb / 4P
40W 10xxnm 30% Fill Factor High Power Laser Diode Bar on Passive Cu Block Cooler
BPC50C BOOKHAM-BPC50C Datasheet
234Kb / 4P
50W 9xxnm 30% Fill Factor High Power Laser Diode Bar on Passive Cu Block Cooler
BPC80C BOOKHAM-BPC80C Datasheet
235Kb / 4P
80W 9xxnm 30% Fill Factor High Power Laser Diode Bar on Passive Cu Block Cooler
LBA100C BOOKHAM-LBA100C Datasheet
342Kb / 4P
Microchannel Cooler Based Lateral Laser Diode Bar Arrays
VAC80C-915-01 BOOKHAM-VAC80C-915-01 Datasheet
574Kb / 4P
80W 9xxnm High Power Very High Brightness Laser Diode Bar on Microchannel Cooler
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com