Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7GEME4U1 Datasheet(PDF) 21 Page - STMicroelectronics

Part # ST7GEME4U1
Description  Full-speed USB MCU with smartcard firmware and EMV/non-EMV interface
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7GEME4U1 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button ST7GEME4U1 Datasheet HTML 17Page - STMicroelectronics ST7GEME4U1 Datasheet HTML 18Page - STMicroelectronics ST7GEME4U1 Datasheet HTML 19Page - STMicroelectronics ST7GEME4U1 Datasheet HTML 20Page - STMicroelectronics ST7GEME4U1 Datasheet HTML 21Page - STMicroelectronics ST7GEME4U1 Datasheet HTML 22Page - STMicroelectronics ST7GEME4U1 Datasheet HTML 23Page - STMicroelectronics ST7GEME4U1 Datasheet HTML 24Page - STMicroelectronics ST7GEME4U1 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
ST7GEME4
Electrical characteristics
21/28
4.7
EMC characteristics
Susceptibility tests are performed on a sample basis during product characterization.
4.7.1
Functional EMS (electromagnetic susceptibility)
Based on a simple running application on the product (toggling 2 LEDs through I/O ports),
the product is stressed by two electromagnetic events until a failure occurs (indicated by the
LEDs).
●
ESD: electrostatic discharge (positive and negative) is applied on all pins of the device
until a functional disturbance occurs. This test conforms with the IEC 1000-4-2
standard.
●
FTB: a burst of fast transient voltage (positive and negative) is applied to VDD and VSS
through a 100 pF capacitor, until a functional disturbance occurs. This test conforms
with the IEC 1000-4-4 standard.
A device reset allows normal operations to be resumed. The test results are given in the
table below based on the EMS levels and classes defined in application note AN1709.
Designing hardened software to avoid noise problems
EMC characterization and optimization are performed at component level with a typical
application environment and simplified MCU software. It should be noted that good EMC
performance is highly dependent on the user application and the software in particular.
Therefore it is recommended that the user applies EMC software optimization and
prequalification tests in relation with the EMC level requested for his application.
TOHL
Output high to low fall time(1)
Cl = 30 pF
-
0.8
µs
TOLH
Output low to high rise time(1)
Cl = 30 pF
-
0.8
µs
ISGND
Short-circuit to ground(1)
15
mA
Smartcard RST C4 and C8 Pin
VOL
Output low Level Voltage
I = -0.5 mA
-
-
0.4 (3)
V
VOH
Output high level voltage
I = 20
µAV
CRDVCC-0.5
(3)
-VCRDVCC
(3)
V
TOHL
Output high to low fall time(1)
Cl = 30 pF
-
0.8
µs
TOLH
Output low to high rise time(1)
Cl = 30 pF
-
0.8
µs
ISGND
Short-circuit to ground(1)
15
mA
1.
Guaranteed by design.
2.
VDD = 4.75 V, Card consumption = 55mA, CRDCLK frequency = 4MHz, LED with a 3mA current, USB in reception mode
and CPU in WFI mode.
3.
Data based on characterization results, not tested in production.
Table 18.
Smartcard supply supervisor characteristics (continued)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com