Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB3311 Datasheet(PDF) 4 Page - SMSC Corporation

Part # USB3311
Description  Hi-Speed USB Transceiver with 1.8V ULPI Interface - 26MHz Reference Clock
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB3311 Datasheet(HTML) 4 Page - SMSC Corporation

  USB3311 Datasheet HTML 1Page - SMSC Corporation USB3311 Datasheet HTML 2Page - SMSC Corporation USB3311 Datasheet HTML 3Page - SMSC Corporation USB3311 Datasheet HTML 4Page - SMSC Corporation USB3311 Datasheet HTML 5Page - SMSC Corporation USB3311 Datasheet HTML 6Page - SMSC Corporation USB3311 Datasheet HTML 7Page - SMSC Corporation USB3311 Datasheet HTML 8Page - SMSC Corporation USB3311 Datasheet HTML 9Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Hi-Speed USB Transceiver with 1.8V ULPI Interface - 26MHz Reference Clock
Revision 1.0 (05-08-07)
4
SMSC USB3311
PRODUCT PREVIEW
The USB3311 includes a integrated 3.3V LDO regulator to generate its own supply from the VBAT pin.
The VBAT pin can range from 3.1 to 5.5V. The regulator dropout voltage is less than 100mV which
allows the PHY to continue USB signaling when the voltage on VBAT drops to 3.1V. The USB
transceiver will continue to operate at lower voltages, although some parameters may be outside the
limits of the USB specifications. If the user would like to provide a 3.3V supply to the USB3311 the
VBAT and VDD3.3 pins should be connected together.
The USB3311 also includes integrated pull-up resistors that can be used for detecting the attachment
of a USB Charger. By sensing the attachment to a USB Charger a product using the USB3311 can
charge its battery at more than the 500mA allowed when charging from a USB Host.
The USB3311 also includes support for USB audio modes. The user can program the PHY into UART
or audio mode while in synchronous mode. The USB3311 can only enter these modes when the user
programs the part into these modes.
In USB UART mode, the USB3311 DP and DM outputs will be redefined to transmit on DM and to
receive on DP. In UART mode the USB3311 can function as a bi-directional transceiver.
In USB audio mode the DP pin is shorted to the SPKR_R/M pin with a switch. The DM pin is shorted
to the SPKR_L pin. The user can then initiate audio signaling over the USB cable. In addition to audio
signals, the switches can also be used to connect Full Speed USB from another PHY onto the USB
cable.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com