Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M24C64-DF Datasheet(PDF) 53 Page - STMicroelectronics

Part # M24C64-DF
Description  64-Kbit serial I²C bus EEPROM
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24C64-DF Datasheet(HTML) 53 Page - STMicroelectronics

Back Button M24C64-DF Datasheet HTML 46Page - STMicroelectronics M24C64-DF Datasheet HTML 47Page - STMicroelectronics M24C64-DF Datasheet HTML 48Page - STMicroelectronics M24C64-DF Datasheet HTML 49Page - STMicroelectronics M24C64-DF Datasheet HTML 50Page - STMicroelectronics M24C64-DF Datasheet HTML 51Page - STMicroelectronics M24C64-DF Datasheet HTML 52Page - STMicroelectronics M24C64-DF Datasheet HTML 53Page - STMicroelectronics M24C64-DF Datasheet HTML 54Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 53 / 54 page
background image
DS6638 Rev 36
53/54
M24C64-W M24C64-R M24C64-F M24C64-DF
Revision history
53
13-Sep-2017
34
Added reference to DFN8 and DFN5 in:
cover page figure, Figure 3: UFDFPN5 (DFN5) package connections,
Section 9.1: UFDFPN5 (DFN5) package information, Section 9.2:
UFDFPN8 (DFN8) package information and Table 29: Ordering
information scheme.
Added Figure 19: UFDFPN5 - 5-lead, 1.7 × 1.4 mm, 0.55 mm thickness,
ultra thin fine pitch dual flat package, no lead recommended footprint.
Updated Section Table 28.: Thin WLCSP- 8-bump, 1.073 x 0.959 mm,
wafer level chip scale package mechanical data
16-Nov-2017
35
Updated Table 29: Ordering information scheme
14-Mar-2018
36
Added Table 3: WLCSP 5-bump signals vs. bump position, Table 4:
WLCSP 8-bump signals vs bump position
Updated Figure 6: WLCSP 8-bump thin connections (M24C64-
DFCT6TP/K)
Table 31. Document revision history (continued)
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com