Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TYN612TRG Datasheet(PDF) 13 Page - STMicroelectronics

Part # TYN612TRG
Description  Standard 12 A SCRs
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TYN612TRG Datasheet(HTML) 13 Page - STMicroelectronics

Back Button TYN612TRG Datasheet HTML 9Page - STMicroelectronics TYN612TRG Datasheet HTML 10Page - STMicroelectronics TYN612TRG Datasheet HTML 11Page - STMicroelectronics TYN612TRG Datasheet HTML 12Page - STMicroelectronics TYN612TRG Datasheet HTML 13Page - STMicroelectronics TYN612TRG Datasheet HTML 14Page - STMicroelectronics TYN612TRG Datasheet HTML 15Page - STMicroelectronics TYN612TRG Datasheet HTML 16Page - STMicroelectronics TYN612TRG Datasheet HTML 17Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
DocID7475 Rev 11
13/17
TN1215, TYN612, TYN812, TYN1012
Package information
17
Figure 16. Footprint (dimensions in mm)
Table 8. D²PAK package mechanical data
Ref.
Dimensions
Millimeters
Inches(1)
1. Inches dimensions given only for reference.
Min.
Typ.
Max.
Min.
Typ.
Max.
A
4.30
4.60
0.1693
0.1811
A1
2.49
2.69
0.0980
0.1059
A2
0.03
0.23
0.0012
0.0091
B
0.70
0.93
0.0276
0.0366
B2
1.25
1.40
0.0492
0.0551
C
0.45
0.60
0.0177
0.0236
C2
1.21
1.36
0.0476
0.0535
D
8.95
9.35
0.3524
0.3681
D1
7.50
8.0
0.2953
0.3150
D2
1.3
1.7
0.0512
0.0669
E
10.00
10.28
0.3937
0.4047
E1
8.3
8.7
0.3268
0.3425
E2
6.85
7.25
0.2697
0.2854
G
4.88
5.28
0.1921
0.2079
L
15.00
15.85
0.5906
0.6240
L2
1.27
1.40
0.0500
0.0551
L3
1.40
1.75
0.0551
0.0689
R
0.40
0.0157
V2
0°
8°
0°
8°
16.90
10.30
3.70
5.08
1.30
8.90



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com