Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M24C64-DFMC6TP/PF Datasheet(PDF) 1 Page - STMicroelectronics

Part # M24C64-DFMC6TP/PF
Description  64-Kbit serial I²C bus EEPROM
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24C64-DFMC6TP/PF Datasheet(HTML) 1 Page - STMicroelectronics

  M24C64-DFMC6TP/PF Datasheet HTML 1Page - STMicroelectronics M24C64-DFMC6TP/PF Datasheet HTML 2Page - STMicroelectronics M24C64-DFMC6TP/PF Datasheet HTML 3Page - STMicroelectronics M24C64-DFMC6TP/PF Datasheet HTML 4Page - STMicroelectronics M24C64-DFMC6TP/PF Datasheet HTML 5Page - STMicroelectronics M24C64-DFMC6TP/PF Datasheet HTML 6Page - STMicroelectronics M24C64-DFMC6TP/PF Datasheet HTML 7Page - STMicroelectronics M24C64-DFMC6TP/PF Datasheet HTML 8Page - STMicroelectronics M24C64-DFMC6TP/PF Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 54 page
background image
This is information on a product in full production.
March 2018
DS6638 Rev 36
1/54
M24C64-W M24C64-R
M24C64-F M24C64-DF
64-Kbit serial I²C bus EEPROM
Datasheet
- production data
Features
• Compatible with all I2C bus modes:
–1 MHz
– 400 kHz
– 100 kHz
• Memory array:
– 64 Kbit (8 Kbyte) of EEPROM
– Page size: 32 byte
– Additional Write lockable page (M24C64-D
order codes)
• Single supply voltage:
– 1.7 V to 5.5 V over –40 °C / +85 °C
– 1.6 V to 5.5 V over 0 °C / +85 °C
• Write:
– Byte Write within 5 ms
– Page Write within 5 ms
• Random and sequential Read modes
• Write protect of the whole memory array
• Enhanced ESD/Latch-Up protection
• More than 4 million Write cycles
• More than 200-years data retention
Packages
• PDIP8 ECOPACK2®
• SO8 ECOPACK2®
• TSSOP8 ECOPACK2®
• UFDFPN ECOPACK2®
• WLCSP ECOPACK2®
• Unsawn wafer (each die is tested)
SO8 (MN)
150 mil width
TSSOP8 (DW)
169 mil width
UFDFPN8 (MC)
DFN8 - 2x3 mm
WLCSP (CS)
Thin WLCSP (CT)
UFDFPN5 (MH)
DFN5 -1.7x1.4 mm
PDIP8 (BN)
WLCSP
(CU)
Unsawn wafer
www.st.com


Similar Part No. - M24C64-DFMC6TP/PF

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M24C64-DF STMICROELECTRONICS-M24C64-DF Datasheet
465Kb / 42P
64-Kbit serial I2C bus EEPROM
28-Aug-2012
M24C64-DF STMICROELECTRONICS-M24C64-DF Datasheet
838Kb / 45P
64-Kbit serial I짼C bus EEPROM
12-Nov-2014
More results

Similar Description - M24C64-DFMC6TP/PF

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M24C64 STMICROELECTRONICS-M24C64 Datasheet
149Kb / 19P
64/32 Kbit Serial I²C Bus EEPROM
05-Jan-2005
M24128 STMICROELECTRONICS-M24128 Datasheet
289Kb / 34P
128 Kbit, 64 Kbit and 32 Kbit serial I2C bus EEPROM
17-Oct-2006
M24128 STMICROELECTRONICS-M24128_07 Datasheet
347Kb / 38P
128 Kbit, 64 Kbit and 32 Kbit serial I짼C bus EEPROM
18-Dec-2007
M24128 STMICROELECTRONICS-M24128_08 Datasheet
350Kb / 39P
128 Kbit, 64 Kbit and 32 Kbit serial I²C bus EEPROM
16-Sep-2008
M24C64-W STMICROELECTRONICS-M24C64-W Datasheet
465Kb / 42P
64-Kbit serial I²C bus EEPROM
28-Aug-2012
M24C64-FMC6TG STMICROELECTRONICS-M24C64-FMC6TG Datasheet
465Kb / 42P
64-Kbit serial I2C bus EEPROM
28-Aug-2012
M24C64-FDW5TP STMICROELECTRONICS-M24C64-FDW5TP Datasheet
838Kb / 45P
64-Kbit serial I짼C bus EEPROM
12-Nov-2014
M24C64-DRE STMICROELECTRONICS-M24C64-DRE Datasheet
1Mb / 41P
64-Kbit serial IC bus EEPROM - 105C operation
15-Jan-2015
M24512-W STMICROELECTRONICS-M24512-W_V01 Datasheet
737Kb / 47P
512-Kbit serial I²C bus EEPROM
06-Oct-2020
M24C64P-FCU STMICROELECTRONICS-M24C64P-FCU Datasheet
631Kb / 36P
64-Kbit serial I²C bus EEPROM 4 balls CSP
10-Apr-2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com