Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BPC30C Datasheet(PDF) 1 Page - Bookham, Inc.

Part # BPC30C
Description  30W 9xx nm MaxiChip High Power Laser Diode on Passive Cu Block Cooler
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOOKHAM [Bookham, Inc.]
Direct Link  
Logo BOOKHAM - Bookham, Inc.

BPC30C Datasheet(HTML) 1 Page - Bookham, Inc.

  BPC30C Datasheet HTML 1Page - Bookham, Inc. BPC30C Datasheet HTML 2Page - Bookham, Inc. BPC30C Datasheet HTML 3Page - Bookham, Inc. BPC30C Datasheet HTML 4Page - Bookham, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Data Sheet
1
The Bookham BPC30C-9xx-01 MaxiChip laser diode on
passive cooler has been designed for direct coupling into a
800µm diameter fiber providing the high brightness required for
collimated solid-state laser pumping and direct applications.
The proprietary E2 front mirror passivation process, developed
at our Zurich site, prevents Catastrophic Optical Damage (COD)
to the laser diode facet even at extremely high output powers.
The laser diode bars are mounted on an expansion matched
CuW submount onto a Cu block package providing very high
reliability in CW and pulsed (1-Hz type) applications.
Features:
• Mounted 1.25mm x 3.6mm laser diode
• Passive 1" x 1" Cu block cooler
• Small aperture (800µm emission area)
• 30W operating power
• Highly reliable single quantum well MBE structure
• Telecom grade AuSn mounting technology
• Standard wavelength at 915nm, 940nm, and 980nm
(others available on request)
• RoHS compliant
Applications:
• Collimated solid state laser pumping
• Direct applications such as material processing
• Printing
• Medical
30W 9xx nm MaxiChip High Power Laser Diode
on Passive Cu Block Cooler
BPC30C-9xx-01
Preliminary


Similar Part No. - BPC30C

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
BPC3 TTELEC-BPC3 Datasheet
283Kb / 2P
3W to 10W Planar High Power Resistors
BPC3 TTELEC-BPC3 Datasheet
285Kb / 2P
3W to 10W Planar High Power Resistors
06.18
BPC3100F TTELEC-BPC3100F Datasheet
285Kb / 2P
3W to 10W Planar High Power Resistors
06.18
BPC3100G TTELEC-BPC3100G Datasheet
285Kb / 2P
3W to 10W Planar High Power Resistors
06.18
BPC3100J TTELEC-BPC3100J Datasheet
285Kb / 2P
3W to 10W Planar High Power Resistors
06.18
More results

Similar Description - BPC30C

ManufacturerPart #DatasheetDescription
logo
Bookham, Inc.
BAC50C BOOKHAM-BAC50C Datasheet
263Kb / 4P
50W 806nm High Power Laser Diode Bar on Microchannel Cooler
BPC40C BOOKHAM-BPC40C Datasheet
233Kb / 4P
40W 10xxnm 30% Fill Factor High Power Laser Diode Bar on Passive Cu Block Cooler
BPC40C-806 BOOKHAM-BPC40C-806 Datasheet
234Kb / 4P
40W 806nm 30% Fill Factor High Power Laser Diode Bar on Passive Cu Block Cooler
BPC50C BOOKHAM-BPC50C Datasheet
234Kb / 4P
50W 9xxnm 30% Fill Factor High Power Laser Diode Bar on Passive Cu Block Cooler
BPC60C BOOKHAM-BPC60C Datasheet
235Kb / 4P
60W 9xxnm 20% Fill Factor High Power Laser Diode Bar on Passive Cu Block Cooler
BPC80C BOOKHAM-BPC80C Datasheet
235Kb / 4P
80W 9xxnm 30% Fill Factor High Power Laser Diode Bar on Passive Cu Block Cooler
SPC40C-980-01 BOOKHAM-SPC40C-980-01 Datasheet
233Kb / 4P
40W / 30W 980nm High Brightness Single-Mode Laser Diode Bar on Passive Cu Block Cooler
logo
JDS Uniphase Corporatio...
L4-9891510-100B JDSU-L4-9891510-100B Datasheet
194Kb / 6P
High-Power 10 W 9xx nm Fiber-Coupled Diode Laser
L4-9891510-100E JDSU-L4-9891510-100E Datasheet
229Kb / 6P
High-Power 10 W 9xx nm Fiber-Coupled Diode Laser with Feedback Protection
1060-1100 JDSU-1060-1100 Datasheet
236Kb / 6P
High-Power 10 W 9xx nm Fiber-Coupled Diode Laser
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com