Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BPC40C Datasheet(PDF) 1 Page - Bookham, Inc.

Part # BPC40C
Description  40W 10xxnm 30% Fill Factor High Power Laser Diode Bar on Passive Cu Block Cooler
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOOKHAM [Bookham, Inc.]
Direct Link  
Logo BOOKHAM - Bookham, Inc.

BPC40C Datasheet(HTML) 1 Page - Bookham, Inc.

  BPC40C Datasheet HTML 1Page - Bookham, Inc. BPC40C Datasheet HTML 2Page - Bookham, Inc. BPC40C Datasheet HTML 3Page - Bookham, Inc. BPC40C Datasheet HTML 4Page - Bookham, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Data Sheet
1
The Bookham BPC40C-10xx-01 30% fill factor laser diode bar
on passive cooler series has been designed to provide the high
brightness and reliability required for both medical and direct
applications. The proprietary E2 front mirror passivation
process, developed at our Zurich site, prevents Catastrophic
Optical Damage (COD) to the laser diode facet even at
extremely high output powers. The laser diode bars are
mounted on an expansion matched CuW submount onto a Cu
block package providing very high reliability in CW and pulsed
(1-Hz type) applications.
Features:
• Mounted 10mm x 1.2mm laser diode bar
• Passive 1" x 1" Cu block cooler
• 30% fill factor (150µm emitter / 500µm pitch)
• 40W operating power
• Highly reliable single quantum well MBE structure
• Telecom grade AuSn mounting technology
• Standard wavelength at 1060nm
(others available on request)
• RoHS compliant
Applications:
• Direct applications such as material processing
• Medical
• Therapeutic
40W 10xxnm 30% Fill Factor High Power Laser Diode
Bar on Passive Cu Block Cooler
BPC40C-10xx-01
Preliminary


Similar Part No. - BPC40C

ManufacturerPart #DatasheetDescription
logo
Bookham, Inc.
BPC40C-806 BOOKHAM-BPC40C-806 Datasheet
234Kb / 4P
40W 806nm 30% Fill Factor High Power Laser Diode Bar on Passive Cu Block Cooler
BPC40C-806-01 BOOKHAM-BPC40C-806-01 Datasheet
234Kb / 4P
40W 806nm 30% Fill Factor High Power Laser Diode Bar on Passive Cu Block Cooler
More results

Similar Description - BPC40C

ManufacturerPart #DatasheetDescription
logo
Bookham, Inc.
B60C-1060-01 BOOKHAM-B60C-1060-01 Datasheet
761Kb / 4P
60W 10xxnm High Power Bare Laser Diode Bar
BAC40C-806-01 BOOKHAM-BAC40C-806-01 Datasheet
263Kb / 4P
40W 806nm 30% Fill Factor High Power Laser Diode Bar on Microchannel Cooler
BAC50C BOOKHAM-BAC50C Datasheet
263Kb / 4P
50W 806nm High Power Laser Diode Bar on Microchannel Cooler
BAC110C BOOKHAM-BAC110C Datasheet
562Kb / 4P
110W 10xxnm High Power Laser Diode Bar on Microchannel Cooler
BPC30C BOOKHAM-BPC30C Datasheet
398Kb / 4P
30W 9xx nm MaxiChip High Power Laser Diode on Passive Cu Block Cooler
BPC40C-806 BOOKHAM-BPC40C-806 Datasheet
234Kb / 4P
40W 806nm 30% Fill Factor High Power Laser Diode Bar on Passive Cu Block Cooler
BPC50C BOOKHAM-BPC50C Datasheet
234Kb / 4P
50W 9xxnm 30% Fill Factor High Power Laser Diode Bar on Passive Cu Block Cooler
BPC60C BOOKHAM-BPC60C Datasheet
235Kb / 4P
60W 9xxnm 20% Fill Factor High Power Laser Diode Bar on Passive Cu Block Cooler
BPC80C BOOKHAM-BPC80C Datasheet
235Kb / 4P
80W 9xxnm 30% Fill Factor High Power Laser Diode Bar on Passive Cu Block Cooler
SPC40C-980-01 BOOKHAM-SPC40C-980-01 Datasheet
233Kb / 4P
40W / 30W 980nm High Brightness Single-Mode Laser Diode Bar on Passive Cu Block Cooler
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com