Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PPL05 Datasheet(PDF) 3 Page - Bookham, Inc.

Part # PPL05
Description  Hybrid Wire Grid Polarizer & Thin Film Dichroic Filter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOOKHAM [Bookham, Inc.]
Direct Link  
Logo BOOKHAM - Bookham, Inc.

PPL05 Datasheet(HTML) 3 Page - Bookham, Inc.

  PPL05 Datasheet HTML 1Page - Bookham, Inc. PPL05 Datasheet HTML 2Page - Bookham, Inc. PPL05 Datasheet HTML 3Page - Bookham, Inc. PPL05 Datasheet HTML 4Page - Bookham, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
450 nm
550nm
650nm
Product
Typical
Min/Max
Typical
Min/Max
Typical
Min/Max
Tp(%)
85.7
84.0 Min
87.0
84.7 Min
86.1
84.2 Min
PPL03C (General Purpose)
Ts(%)
0.23
0.27 Max
0.14
0.16 Max
0.09
0.11 Max
Contrast
370
310 Min
620
530 Min
950
760 Min
Tp(%)
83.5
82.0 Min
84.9
82.0 Min
83.9
82.0 Min
PPL04C (High Contrast)
Ts(%)
0.10
0.12 Max
0.08
0.10 Max
0.07
0.08 Max
Contrast
835
680 Min
1060
820 Min
1200
1020 Min
Tp(%)
91.1
88.6 Min
92.5
90.0 Min
92.1
88.5 Min
PPLO5 (Very High Transmission)
Ts(%)
0.52
0.89 Max
0.25
0.43 Max
0.15
0.26 Max
Contrast
175
100 Min
370
210 Min
614
340 Min
Performance Specifications at Normal Incidence
Off-Axis Contrast (typical)
Wavelength
0 Degrees
12%
11%
10%
9%
8%
7%
6%
5%
4%
3%
2%
1%
0%
450
500
550
600
650
700
10 Degrees
20 Degrees
Off-Axis Transmittance
Wavelength
0 Degrees
6%
5%
4%
3%
2%
1%
0%
-1%
-2%
-3%
-4%
-5%
-6%
450
500
550
600
650
700
10 Degrees
20 Degrees
Off-Axis Performance
The light entering a polarizer is typically a cone. The size
of the cone depends upon the f/number of the system.
Most systems us a cone half angle of less than 20º.
The ProFluxTM polarizer performance changes very little
with angle of incidence, resulting in uniform system
performance over the aperture. This is illustrated in the
typical off-axis 1/2 angle performance graphs of
transmittance and contrast shown below.
The following chart contains the performance specifications for all
ProFlux
TM normal incidence polarizers with standard AR coating.
3



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com