Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BPC50C Datasheet(PDF) 1 Page - Bookham, Inc.

Part # BPC50C
Description  50W 9xxnm 30% Fill Factor High Power Laser Diode Bar on Passive Cu Block Cooler
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOOKHAM [Bookham, Inc.]
Direct Link  
Logo BOOKHAM - Bookham, Inc.

BPC50C Datasheet(HTML) 1 Page - Bookham, Inc.

  BPC50C Datasheet HTML 1Page - Bookham, Inc. BPC50C Datasheet HTML 2Page - Bookham, Inc. BPC50C Datasheet HTML 3Page - Bookham, Inc. BPC50C Datasheet HTML 4Page - Bookham, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Data Sheet
1
The Bookham BPC50C-9xx-01 30% fill factor laser diode bar
on passive cooler series has been designed to provide the high
brightness and and reliability required for both collimated solid-
state laser pumping and direct applications. The proprietary E2
front mirror passivation process, developed at our Zurich site,
prevents Catastrophic Optical Damage (COD) to the laser diode
facet even at extremely high output powers. The laser diode
bars are mounted on an expansion matched CuW submount
onto a Cu block package providing very high reliability in CW
and pulsed (1-Hz type) applications.
Features:
• Mounted 10mm x 1.2mm laser diode bar
• Passive 1" x 1" Cu block cooler
• 30% fill factor (150µm emitter / 500µm pitch)
• 50W operating power
• Highly reliable single quantum well MBE structure
• Telecom grade AuSn mounting technology
• Standard wavelengths at 915nm, 940nm, and 980nm
(others available on request)
• RoHS compliant
Applications:
• Collimated solid-state laser pumping
• Direct applications such as material processing
• Printing
• Medical
50W 9xxnm 30% Fill Factor High Power Laser Diode
Bar on Passive Cu Block Cooler
BPC50C-9xx-01


Similar Part No. - BPC50C

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
BPC5 TTELEC-BPC5 Datasheet
283Kb / 2P
3W to 10W Planar High Power Resistors
BPC5 TTELEC-BPC5 Datasheet
285Kb / 2P
3W to 10W Planar High Power Resistors
06.18
BPC5100F TTELEC-BPC5100F Datasheet
285Kb / 2P
3W to 10W Planar High Power Resistors
06.18
BPC5100G TTELEC-BPC5100G Datasheet
285Kb / 2P
3W to 10W Planar High Power Resistors
06.18
BPC5100J TTELEC-BPC5100J Datasheet
285Kb / 2P
3W to 10W Planar High Power Resistors
06.18
More results

Similar Description - BPC50C

ManufacturerPart #DatasheetDescription
logo
Bookham, Inc.
BAC40C-806-01 BOOKHAM-BAC40C-806-01 Datasheet
263Kb / 4P
40W 806nm 30% Fill Factor High Power Laser Diode Bar on Microchannel Cooler
BAC50C BOOKHAM-BAC50C Datasheet
263Kb / 4P
50W 806nm High Power Laser Diode Bar on Microchannel Cooler
BAC80C BOOKHAM-BAC80C Datasheet
261Kb / 4P
80W 9xxnm High Power Laser Diode Bar on Microchannel Cooler
BAC120C BOOKHAM-BAC120C Datasheet
261Kb / 4P
120W 9xxnm High Power Laser Diode Bar on Microchannel Cooler
BPC40C BOOKHAM-BPC40C Datasheet
233Kb / 4P
40W 10xxnm 30% Fill Factor High Power Laser Diode Bar on Passive Cu Block Cooler
BPC40C-806 BOOKHAM-BPC40C-806 Datasheet
234Kb / 4P
40W 806nm 30% Fill Factor High Power Laser Diode Bar on Passive Cu Block Cooler
BPC60C BOOKHAM-BPC60C Datasheet
235Kb / 4P
60W 9xxnm 20% Fill Factor High Power Laser Diode Bar on Passive Cu Block Cooler
BPC80C BOOKHAM-BPC80C Datasheet
235Kb / 4P
80W 9xxnm 30% Fill Factor High Power Laser Diode Bar on Passive Cu Block Cooler
SPC40C-980-01 BOOKHAM-SPC40C-980-01 Datasheet
233Kb / 4P
40W / 30W 980nm High Brightness Single-Mode Laser Diode Bar on Passive Cu Block Cooler
VAC80C-915-01 BOOKHAM-VAC80C-915-01 Datasheet
574Kb / 4P
80W 9xxnm High Power Very High Brightness Laser Diode Bar on Microchannel Cooler
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com