Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BPC80C Datasheet(PDF) 2 Page - Bookham, Inc.

Part # BPC80C
Description  80W 9xxnm 30% Fill Factor High Power Laser Diode Bar on Passive Cu Block Cooler
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOOKHAM [Bookham, Inc.]
Direct Link  
Logo BOOKHAM - Bookham, Inc.

BPC80C Datasheet(HTML) 2 Page - Bookham, Inc.

  BPC80C Datasheet HTML 1Page - Bookham, Inc. BPC80C Datasheet HTML 2Page - Bookham, Inc. BPC80C Datasheet HTML 3Page - Bookham, Inc. BPC80C Datasheet HTML 4Page - Bookham, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Data Sheet
2
Characteristics
Parameter
Symbol
Typical
Unit
CW Output Power
P
op
80
W
Center Wavelength
[1]
BPC80C-915-01
λ
c915
915 ± 10
BPC80C-940-01
λ
c940
940 ± 10
nm
BPC80C-980-01
λ
c980
980 ± 10
Spectral Width (FWHM)
∆λ
3nm
Wavelength Shift with Temperature
d
λ
c/dTop
0.3
nm/°C
Beam Divergence
Parallel to Junction (90% of Power)
θ
//
7
Perpendicular to Junction (FWHM)
θ⊥
26
deg
Perpendicular to Junction (90% of Power)
θ⊥
60
Polarization
TE
Threshold Current
I
th
8A
Slope Efficiency
η
D=Pop/(Iop-Ith)
1
W/A
Conversion Efficiency
H=P
op/(Vop×Iop)60
%
Series Resistance
R
s
5m
Operating Current
I
op
85
A
Operating Voltage
V
op
1.5
V
Operating TemperatureT
op
25 ± 5°C
Bar Dimensions
Parameter
Symbol
Typical
Unit
Bar Width
b
10
mm
Resonator Length
l
2.4
mm
Number of Emitters
n
19
Emitter Spacing
p
500
µm
Emission Width
w
150
µm
Fill Factor
f
30
%
[1] Reduced wavelength window / extended range available on request (900-1060nm).



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com