Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

10258 Datasheet(PDF) 2 Page - Atom Lighting

Part # 10258
Description  LED Tri-Colour Backlit panels
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATOM [Atom Lighting]
Direct Link  https://atomlighting.com.au/
Logo ATOM - Atom Lighting

10258 Datasheet(HTML) 2 Page - Atom Lighting

  10258 Datasheet HTML 1Page - Atom Lighting 10258 Datasheet HTML 2Page - Atom Lighting  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
AT6023
Product datasheet
Revision 12.10.20
Information is subject to change without prior notice
Images are for illustrative purposes only
E&OE
1) Three years/15,000 Hours operation time (whichever arrives first) subject to all warranty conditions. 2) System efficiency for AT6023/312/TRI at 4000K.
3) Atom Lifetimes are based on the requirements of TM21, where Atom only states the reported lifetime as addendum B states that the calculated or projected
lifetimes are NOT to be reported due to statistical uncertainty. 4) UGR is based on industry standard room measurements.
Product specification
Voltage
220-240V ~ 50/60Hz
Power consumption
20W, 36W or 60W
Light colour options
Warm white Cool white Daylight
Colour temperature
3000K
4000K
6500K
Finish
White
Colour rendering index
> 80
Beam angle
120°
Dimmable
No
Warranty
3 Year1
Working temperature
-10°C – 45°C
System efficiency
>110 lm/W2
Reported lifetime (TM-21)
L70 B10 (9K) > 54,000 Hrs3
IP Rating
IP20
Electrical classification
Class II
UGR
<224
Sdcm
<6
SKU
Code
Wattage
Lumens
Dimensions
Warm white
Cool white
Daylight
Length
Width
Height*
SKU 16955
AT6023/306
20W
1930lm
2090lm
1970lm
295mm
595mm
34mm
SKU 16957
AT6023/312
36W
3760lm
4010lm
3815lm
295mm
1195mm
34mm
SKU 16956
AT6023/606
36W
3385lm
3620lm
3440lm
595mm
595mm
34mm
SKU 16958
AT6023/612
60W
5815lm
6330lm
6025lm
595mm
1195mm
34mm
W
H
Product range
Accessories
SKU
Description
10398
White plaster recessed panel frame 300x1200
10760
White plaster recessed panel frame 600x600
10258
White plaster recessed panel frame 300x600
13856
White plaster recessed panel frame 600x1200
Plaster recessed frames
SKU
Description
16222
White surface mount panel frame 300x1200
16223
White surface mount panel frame 600x600
16224
White surface mount panel frame 300x600
Surface mount frames
Accessories dimensions
SKU
Length
Width
Height
16222
302mm
1202mm
75mm
16223
602mm
602mm
75mm
16224
302mm
602mm
75mm
10398
330mm
1230mm
41mm
10760
630mm
630mm
41mm
10258
630mm
330mm
41mm
13856
645mm
1225mm
45mm
* Height does not include driver. Allow 70mm height with driver included.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com