Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LBA100C Datasheet(PDF) 3 Page - Bookham, Inc.

Part # LBA100C
Description  Microchannel Cooler Based Lateral Laser Diode Bar Arrays
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOOKHAM [Bookham, Inc.]
Direct Link  
Logo BOOKHAM - Bookham, Inc.

LBA100C Datasheet(HTML) 3 Page - Bookham, Inc.

  LBA100C Datasheet HTML 1Page - Bookham, Inc. LBA100C Datasheet HTML 2Page - Bookham, Inc. LBA100C Datasheet HTML 3Page - Bookham, Inc. LBA100C Datasheet HTML 4Page - Bookham, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Data Sheet
3
Dimensions
Dimensions
LBA100
LBA200
LBA300
Unit
Number of Bars
2
4
6
Length
30.7
54.7
78.7
mm
Width
35
mm
Height
22.2
mm
Electrical Connection
Screws M3 x 5 both (+) and (-) polarity
mm
Coolant Connection
O-Rings 5 x 1
mm
Water Conductivity
5 - 8
µS/cm
Water Filtering
Filters for ø15mm particles
–
Materials recommended
Copper, Stainless Steel, Plastic
–
in the cooling circuit
No Brass, No Nickel
Technical Drawing for LBA300C-806-01 (mm)
(Drawings for other configurations upon request)
+
3
2
15
M3
M3
54.35
22.5
13
3
4
7.52
78.7 –0.05
e
d
o
h
t
a
C
e
d
o
n
A
9.35
Ø4.5
Ø7
.3
x 1
mm



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com