Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMDLH4020S-R10M Datasheet(PDF) 1 Page - Abracon Corporation

Part # AMDLH4020S-R10M
Description  Molded Inductor (Metal Alloy)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

AMDLH4020S-R10M Datasheet(HTML) 1 Page - Abracon Corporation

  AMDLH4020S-R10M Datasheet HTML 1Page - Abracon Corporation AMDLH4020S-R10M Datasheet HTML 2Page - Abracon Corporation AMDLH4020S-R10M Datasheet HTML 3Page - Abracon Corporation AMDLH4020S-R10M Datasheet HTML 4Page - Abracon Corporation AMDLH4020S-R10M Datasheet HTML 5Page - Abracon Corporation AMDLH4020S-R10M Datasheet HTML 6Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
ABRACON IS
ISO9001-2015
CERTIFIED
Molded Inductor (Metal Alloy)
AMDLH4020S
4.2 x 4.1 x 1.9 mm
RoHS/RoHS II Compliant
MSL Level = 1
Request Samples
REVISION Initial Release :
2/28/2024
5101 Hidden Creek Ln, Spicewood TX 78669
Phone: 512-371-6159 Fax: 512-351-8858
For terms and conditions of sales, please visit:
www.abracon.com
Check Inventory
Test Conditions
Isat: DC current at which the inductance drops 30% from its initial value.
Irms: DC current that causes the temperature rise (ΔT, approximate 40˚C) from 25˚C ambient.
Operating Temperature: -40˚C ~ +125˚C (including self-temperature rise)
Storage Condition: -40˚C ~ +125˚C (on board), -10˚C ~ +40˚C (with packaging) and R.H. 85% max.
Operating Voltage: 50V (across inductor)
AMDLH4020S Series is RoHS Compliant and Pb free.
For saturation and temperature rise graphs, please visit Abracon | Power Inductor Performance Analyzer (PIPA)
Part Number
Inductance
Tolerance
DC Resistance
Saturation
Current
Temperature
Rise Current
0.1MHz/1.0V
Max.
Typ.
Typ.
Typ.
Units
μH
%
mΩ
A
A
Symbol
L
M
DCR
Isat
Irms
AMDLH4020S-R10M
0.10
±20
2.0
1.6
26.0
24.0
AMDLH4020S-R15M
0.15
±20
3.5
2.9
22.0
18.0
AMDLH4020S-R22M
0.22
±20
4.9
4.1
16.0
16.0
AMDLH4020S-R33M
0.33
±20
5.8
4.8
13.5
15.0
AMDLH4020S-R47M
0.47
±20
7.0
6.0
11.0
13.0
AMDLH4020S-R68M
0.68
±20
8.8
7.6
9.5
11.0
AMDLH4020S-1R0M
1.00
±20
11.0
9.5
8.0
10.0
AMDLH4020S-1R5M
1.50
±20
16.0
14.0
6.8
8.5
AMDLH4020S-2R2M
2.20
±20
23.0
20.9
5.5
7.5
AMDLH4020S-3R3M
3.30
±20
45.6
38.0
5.0
5.6
AMDLH4020S-4R7M
4.70
±20
64.8
54.0
4.2
4.5
AMDLH4020S-5R6M
5.60
±20
75.6
63.0
3.5
4.1
AMDLH4020S-6R8M
6.80
±20
92.5
80.5
3.1
3.5
AMDLH4020S-8R2M
8.20
±20
118.5
103.0
2.9
3.2
AMDLH4020S-100M
10.00
±20
132.0
115.0
2.7
2.8
•
Shielded construction
•
Soft saturation
•
Low DCR, High Efficiency
•
Designed for switching frequencies between
100KHz-2MHz
•
DC/DC Switching converters
•
Power supplies for Notebooks,
workstations, and Servers
•
Low Profile applications
•
High current, transient load applications
Electrical Specifications
Applications
Features


Similar Part No. - AMDLH4020S-R10M

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
AMDLH5030S ABRACON-AMDLH5030S Datasheet
659Kb / 6P
Molded Inductor (Metal Alloy)
2/28/2024
AMDLH5030S-100M ABRACON-AMDLH5030S-100M Datasheet
659Kb / 6P
Molded Inductor (Metal Alloy)
2/28/2024
AMDLH5030S-150M ABRACON-AMDLH5030S-150M Datasheet
659Kb / 6P
Molded Inductor (Metal Alloy)
2/28/2024
AMDLH5030S-1R0M ABRACON-AMDLH5030S-1R0M Datasheet
659Kb / 6P
Molded Inductor (Metal Alloy)
2/28/2024
AMDLH5030S-1R5M ABRACON-AMDLH5030S-1R5M Datasheet
659Kb / 6P
Molded Inductor (Metal Alloy)
2/28/2024
More results

Similar Description - AMDLH4020S-R10M

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
74479974133 WURTH-74479974133 Datasheet
248Kb / 5P
WE-PMMI Power Multilayer Metal-Alloy Inductor
74479974147 WURTH-74479974147 Datasheet
248Kb / 5P
WE-PMMI Power Multilayer Metal-Alloy Inductor
74479974156 WURTH-74479974156 Datasheet
248Kb / 5P
WE-PMMI Power Multilayer Metal-Alloy Inductor
74479977124 WURTH-74479977124 Datasheet
248Kb / 5P
WE-PMMI Power Multilayer Metal-Alloy Inductor
74479977156 WURTH-74479977156 Datasheet
246Kb / 5P
WE-PMMI Power Multilayer Metal-Alloy Inductor
74479977182 WURTH-74479977182 Datasheet
248Kb / 5P
WE-PMMI Power Multilayer Metal-Alloy Inductor
74479976215 WURTH-74479976215 Datasheet
247Kb / 5P
WE-PMMI Power Multilayer Metal-Alloy Inductor
74479976147 WURTH-74479976147 Datasheet
248Kb / 5P
WE-PMMI Power Multilayer Metal-Alloy Inductor
74479976210 WURTH-74479976210 Datasheet
247Kb / 5P
WE-PMMI Power Multilayer Metal-Alloy Inductor
74479976124 WURTH-74479976124 Datasheet
284Kb / 5P
WE-PMMI Power Multilayer Metal-Alloy Inductor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com