Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MK06 Datasheet(PDF) 2 Page - Standex Electronics, Inc.

Part # MK06
Description  MK06 Series Reed Sensors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STANDEX [Standex Electronics, Inc.]
Direct Link  https://standexelectronics.com/
Logo STANDEX - Standex Electronics, Inc.

MK06 Datasheet(HTML) 2 Page - Standex Electronics, Inc.

  MK06 Datasheet HTML 1Page - Standex Electronics, Inc. MK06 Datasheet HTML 2Page - Standex Electronics, Inc. MK06 Datasheet HTML 3Page - Standex Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
USA: +1 866.782.6339 | salesusa@standexmeder.com
EMEA: +49 7731/8399-0 | info@standexmeder.com
APAC: +86 21/37606000 | salesasia@standexmeder.com
standexelectronics.com
Series Datasheet
Version 02
28 Feb 2019
Page
M. Reizner
2
Layout
Top View
MK06 Series Reed Sensors
MK06 Reed Sensor
Housing and Lead Specifications
Housing Material
PBT Glass Fiber Reinforced
Case Color
Blue
Sealing Compound
Epoxy Resin
Lead Design
THT
Environmental Data
Unit
Shock Resistance (max.)
1/2 sine wave duration 11ms
30
g
Vibration Resistance (max.)
20
g
Operating Temperature
-20 to 130
°C
Storage Temperature
-35 to 130
°C
Soldering Temperature (max.)
5 sec. max.
260
°C
Glossary Magnetic Sensitivity
Sens. (Form A, B)
A
B
C
D
E
F
G
Sens. (Form C)
H
I
K
AT
05-10 10-15 15-20 20-25 25-30 30-35 35-40
Glossary Contact Form
Form A
NO = Normally Open Contacts
SPST = Single Pole Single Throw
Form B
NC = Normally Closed Contacts
SPST = Single Pole Single Throw
Form C
Changeover
SPDT = Single Pole Double Throw
Handling & Assembly Instructions
➢
Use proper lead clamping or heat sinking techniques to
prevent mechanical and/or heat stress during,
soldering, and welding
➢
Mechanical shock as the result of dropping the reed
sensor typically from a distance of greater than 12”
may change it’s magnetic sensitivity and/or destroy the
sensor



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com