Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LC470EUF Datasheet(PDF) 4 Page - RAKEN

Part # LC470EUF
Description  LCM ENGINEERING SPECIFICATION
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAKEN [RAKEN]
Direct Link  http://www.szraken.com/kr/index.php
Logo RAKEN - RAKEN

LC470EUF Datasheet(HTML) 4 Page - RAKEN

  LC470EUF Datasheet HTML 1Page - RAKEN LC470EUF Datasheet HTML 2Page - RAKEN LC470EUF Datasheet HTML 3Page - RAKEN LC470EUF Datasheet HTML 4Page - RAKEN LC470EUF Datasheet HTML 5Page - RAKEN LC470EUF Datasheet HTML 6Page - RAKEN LC470EUF Datasheet HTML 7Page - RAKEN LC470EUF Datasheet HTML 8Page - RAKEN LC470EUF Datasheet HTML 9Page - RAKEN Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 40 page
background image
Product Specification
LC470EUF
Ver. 1.0
4/40
General Features
Active Screen Size
46.96 inch (1192.78mm) diagonal
Outline Dimension
1059.5(H) X 616.2(V) X 9.4(B) X 20.7(D) (TBD)
Pixel Pitch
0.5415 mm x 0.5415 mm
Pixel Format
1920 horiz. by 1080 vert. Pixels, RGB stripe arrangement
Color Depth
10bit(D), 1.06Billon colors
Luminance, White
400 cd/m2 (Center 1point ,Typ.)
Viewing Angle (CR>10)
Viewing angle free ( R/L 178 (Min.), U/D 178 (Min.))
Power Consumption
Total 82.1W (Typ.) [Logic=8.4W with T-Con, LED BLU=73.7W(IF_cathode=105mA)]
Weight
11.0 Kg (Typ.) (TBD)
Display Mode
Transmissive mode, Normally black
Surface Treatment
Hard coating(2H), Anti-glare treatment of the front polarizer (Haze < 1%)
1. General Description
The LC470EUF is a Color Active Matrix Liquid Crystal Display with an integral Light Emitting Diode (LED)
bac k l i ght sy st em . T he m at r ix em pl oy s a- Si T hi n F i lm T r ansi st o r as t he ac t iv e el em ent .
It is a transmissive display type which is operating in the normally black mode. It has a 46.96 inch diagonally
measured active display area with WUXGA resolution (1080 vertical by 1920 horizontal pixel array).
Each pixel is divided into Red, Green and Blue sub-pixels or dots which are arrayed in vertical stripes.
Gray scale or the luminance of the sub-pixel color is determined with a 10-bit gray scale signal for each dot.
Therefore, it can present a palette of more than 1.06Bilion colors.
It has been designed to apply the 10-bit 4-port LVDS interface.
It is intended to support LCD TV, PCTV where high brightness, super wide viewing angle, high color gamut,
high color depth and fast response time are important.
Source Driver Circuit
TFT - LCD Panel
(1920 × RGB × 1080 pixels)
[Gate In Panel]
G1
S1
S1920
G1080
EPI (RGB)
Timing Controller
LVDS Rx + DGA + ODC
Integrated
EEPROM
Power Circuit
Block
SDA
SCL
LVDS
Select
CN1
(51pin)
LVDS
2Port
+12.0V
Control
Signals
Power Signals
LVDS
2Port
CN2
(41pin)
LVDS 1,2
Option
signal
I2C
LVDS 3,4
Bit
Select
Scanning
Block 2
Scanning
Block 1
Scanning
Block 3
PWM
CN2
(4 pin)
LED Anode
LED Cathode
CN1(8Pin), CN2 (8pin)
PWM_OUT
1~3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com