Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HE83R123 Datasheet(PDF) 17 Page - King blillion Electronics Co.,Ltd.

Part # HE83R123
Description  oscillator clocks. This chip is suitable for the applications that require higher performance
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KB [King blillion Electronics Co.,Ltd.]
Direct Link  
Logo KB - King blillion Electronics Co.,Ltd.

HE83R123 Datasheet(HTML) 17 Page - King blillion Electronics Co.,Ltd.

Back Button HE83R123 Datasheet HTML 10Page - King blillion Electronics Co.,Ltd. HE83R123 Datasheet HTML 11Page - King blillion Electronics Co.,Ltd. HE83R123 Datasheet HTML 12Page - King blillion Electronics Co.,Ltd. HE83R123 Datasheet HTML 13Page - King blillion Electronics Co.,Ltd. HE83R123 Datasheet HTML 14Page - King blillion Electronics Co.,Ltd. HE83R123 Datasheet HTML 15Page - King blillion Electronics Co.,Ltd. HE83R123 Datasheet HTML 16Page - King blillion Electronics Co.,Ltd. HE83R123 Datasheet HTML 17Page - King blillion Electronics Co.,Ltd. HE83R123 Datasheet HTML 18Page - King blillion Electronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 17 / 18 page
background image
King Billion Electronics Co., Ltd
駿
億
電
子
股
份
有
限
公
司
HE83R123
HE80000 Series
March 13, 2003
17
V1.0E
This specification is subject to change without notice. Please contact sales person for the latest version before use.
15. Absolute Maximum Rating
Item
Sym.
Rating
Condition
Supply Voltage
VDD
-0.5V ~ 8V
Input Voltage
VIN -0.5V ~ VDD +0.5V
Output Voltage
VO
-0.5V ~ VDD +0.5V
Operating Temperature
TOP
0°C ~ 70°C
Storage Temperature
TST
-50°C ~ 100°C
16. Recommended Operating Conditions
Item
Sym.
Rating
Condition
Supply Voltage
VDD
2.4V ~ 5.5V
VIH
0.9 VDD ~ VDD
Input Voltage
VIL
0.0V ~ 0.1 VDD
8MHz
VDD =5.0V
Operating Frequency
FMAX
4MHz
VDD =2.4V
Operating Temperature
TOP
00C ~ 700C
Storage Temperature
TST
-500C ~ 1000C
17. AC/DC Characteristics
Test Condition: Temp. = 25 , V
℃
DD = 3V±10%, GND=0V
PARAMETER
Symbol MIN TYP MAX UNIT
CONDITION
Normal mode current
IFAST
0.75
1
mA 2M ext. R/C
Slow mode current
ISLOW
10
20
µA
32768 Hz, LCD Disabled
Idle mode current
IIDLE
6
10
µA
32768 Hz, LCD Disabled
Additional current if LCD
ON
ILCD
12
20
µA
LCD Enabled, regulator on
Sleep mode current
ISLEEP
1
µA
Input high voltage
VIH
0.8
VDD Input pins
Input Low Voltage
VIL
0.2
VDD Input pins
Input Hysteresis Width
VHYS
1/3
VDD
I/O, RSTP_N, Threshold=2/3VDD(input
from low to high)
Threshold=1/3VDD(input from high to
low)
Output source current
IOH
50
µA
Output drive high*1, VOH =2.0V
Output sink current
IOL1
1.0
mA Output drive low, VOL= 0.4V
Input Low Current
IIL2
100
µA
I/O, VIL= GND, pull high Internally
Input Low Current
IIL1
20
µA
RSTP_N, VIL= GND, pull high Internally
10
14
mA PWM *2 With 32Ω Loading
6
8
mA With 64Ω Loading
PWM Output Current
IPWM
4
5
mA With 100Ω Loading
Note:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com