Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIP2K2 Datasheet(PDF) 2 Page - AG Electronica

Part # MIP2K2
Description  High-Performance IPD for Battery Chargers MIP2Kx Series
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGELECTRONICA [AG Electronica]
Direct Link  https://www.agelectronica.com/
Logo AGELECTRONICA - AG Electronica

MIP2K2 Datasheet(HTML) 2 Page - AG Electronica

  MIP2K2 Datasheet HTML 1Page - AG Electronica MIP2K2 Datasheet HTML 2Page - AG Electronica  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Frequency jitter function
Electric characteristics (MIP2K4:Worldwide input, 8.3V/1.5A output)
For power supply
• European and American
companies
• Local Asian companies
• Other local companies
•Domestic Japanese
companies
• Japanese companies in
Asia (50% or more owned)
MIP2K□□
Application
Disable to supply
Able to supply
Parts No.
VI characteristics of adapter circuit
Power efficiency
Vo vs Io
0
1
2
3
4
5
6
7
8
9
0123
Io [A]
100V
240V
η vs Po
0
20
40
60
80
100
024
68
10
12
Po [W]
100V
240V
Adapter circuit sample (MIP2K4)
By frequency jitter function, frequency jitter variation(
∆f) changes periodically, by frequency of frequency jitter
modulation factor (fM) as shown below.
fosc=100kHz typ,
∆f=5.5kHz typ, fM=260Hz typ
1/fM=1/260Hz
∆f=5.5kHz
fosc=100kHz (average value of frequency)
Time
Frequency
Drain current
105.5kHz
94.5kHz
Frequency: High
Frequency: Low
*All values are typical



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com