Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRG4CC10KB Datasheet(PDF) 1 Page - International Rectifier

Part # IRG4CC10KB
Description  IRG4CC10KB IGBT Die in Wafer Form
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRG4CC10KB Datasheet(HTML) 1 Page - International Rectifier

  IRG4CC10KB Datasheet HTML 1Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
IRG4CC10KB
IRG4CC10KB IGBT Die in Wafer Form
600 V
Size 1
Ultra-Fast Speed
Short Circuit Rated
6" Wafer
12\4\98
Nominal Backmetal Composition, Thickness:
Cr-NiV-Ag (1 kA-2kA-2.5kA )
Nominal Front Metal Composition, Thickness:
99% Al, 1% Si (4 microns)
Dimensions:
.080" x .120"
Wafer Diameter:
150mm, with std. < 100 > flat
Wafer thickness:
.015" + / -.003"
Relevant Die Mechanical Dwg. Number
01-5274
Minimum Street Width
100 Microns
Reject Ink Dot Size
0.25mm Diameter Minimum
Ink Dot Location
Consistent throughout same wafer lot
Recommended Storage Environment:
Store in original container, in dessicated
nitrogen, with no contamination
Recommended Die Attach Conditions
For optimum electrical results, die attach
temperature should not exceed 300C
Mechanical Data
Die Outline
Reference Standard IR packaged part ( for design ) : IRG4BC10K
Parameter
Description
Guaranteed (Min/Max)
Test Conditions
VCE (on)
Collector-to-Emitter Saturation Voltage
4.5V Max.
IC = 1.5A, TJ = 25°C, VGE = 15V
V(BR)CES
Colletor-to-Emitter Breakdown Voltage
600V Min.
TJ = 25°C, ICES = 250µA, VGE = 0V
VGE(th)
Gate Threshold Voltage
3.0V Min., 6.5V Max.
VGE = VCE , TJ =25°C, IC =250µA
ICES
Zero Gate Voltage Collector Current
250µA Max.
TJ = 25°C, VCE = 600V
IGES
Gate-to-Emitter Leakage Current
± 1.1µA Max.
TJ = 25°C, VGE = +/- 20V
Electrical Characteristics ( Wafer Form )
E
C
G
PD- 91825
www.irf.com


Similar Part No. - IRG4CC10KB

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
IRG4CC50WB HITTITE-IRG4CC50WB Datasheet
35Kb / 1P
IGBT Die in Wafer Form 600 V Size 5 WARP Speed
logo
International Rectifier
IRG4CC71KB IRF-IRG4CC71KB Datasheet
79Kb / 2P
IRG4CC71KB IGBT Die in Wafer Form
More results

Similar Description - IRG4CC10KB

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFC2907B IRF-IRFC2907B Datasheet
18Kb / 1P
HEXFET Power MOSFET Die in Wafer Form
IRG4CC71KB IRF-IRG4CC71KB Datasheet
79Kb / 2P
IRG4CC71KB IGBT Die in Wafer Form
IRFC240 IRF-IRFC240 Datasheet
28Kb / 1P
HEXFET Power MOSFET Die in Wafer Form
IRG4CH40SB IRF-IRG4CH40SB Datasheet
22Kb / 1P
IGBT Die in Wafer Form
HF20A060ACE IRF-HF20A060ACE Datasheet
33Kb / 1P
Hexfred Die in Wafer Form
logo
Hittite Microwave Corpo...
IRG4CC50WB HITTITE-IRG4CC50WB Datasheet
35Kb / 1P
IGBT Die in Wafer Form 600 V Size 5 WARP Speed
logo
InterFET Corporation
HF51A060ACE INTERFET-HF51A060ACE Datasheet
18Kb / 1P
Hexfred Die in Wafer Form
logo
Silicon Laboratories
CP2400-C-GDI SILABS-CP2400-C-GDI Datasheet
132Kb / 16P
Tested 128 Segment LCD Driver Die in Wafer Form
C8051F300-GDI SILABS-C8051F300-GDI Datasheet
210Kb / 9P
8 kB Flash, 8-Bit ADC MCU Die in Wafer Form
logo
International Rectifier
IRGC4059B IRF-IRGC4059B Datasheet
101Kb / 2P
IRGC4059B IGBT Die in Wafer Form
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com