Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5921 Datasheet(PDF) 3 Page - Belden Inc.

Part # 5921
Description  Fast Ethernet Cat5e Data Double-Ended Cordset: Male straight D-coded
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

5921 Datasheet(HTML) 3 Page - Belden Inc.

  5921 Datasheet HTML 1Page - Belden Inc. 5921 Datasheet HTML 2Page - Belden Inc. 5921 Datasheet HTML 3Page - Belden Inc. 5921 Datasheet HTML 4Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Ambient Temperature (Fixed Installation):
- 40 °C - + 90 °C (UL: + 80 °C)
Ambient Temperature (Flex Installation):
- 40 °C - + 90 °C (UL: + 80 °C)
Ambient Temperature (Drag Chain Inst):
- 25 °C - + 60 °C
Flammability Class (Cable Jacket):
CM (UL 1685)
Cable Characteristics:
Exclusion of dangerous materials; Sunlight resistance: UL 1581 sec. 1200
Core Colors:
white, blue, yellow, orange
Technical Data Side 2
Product Sub Family, Side 2:
M12 Standard
Type of Contact / Gender, Side 2:
Female
Connector Design, Side 2:
Straight
Attachment Type, Side 2:
Coupling Nut
Number of Pins, Side 2:
4
Coding, Side 2:
D
Contact Resistance, Side 2:
≤ 10 mOhm
Insulation Resistance, Side 2:
˃ 10^9 Ohm
Mating Cycles, Side 2:
≤ 100
Ambient Temperature (Operation), Side 2*:
- 40 °C - + 90 °C
Protection Degree / IP Rating, Side 2**:
IP65, IP67, IP69K
Design Standard, Side 2:
IEC 61076-2-101
Pollution Degree, Side 2:
3 acc. to DIN EN 60664-1 (VDE 0110-1)
Overvoltage Category, Side 2:
III acc. to DIN EN 60664-1 (VDE 0110-1)
Contact Base Material, Side 2:
CuSn
Contact Plating, Side 2:
Cu/Au
Contact Bearer Material, Side 2:
PBT
Contact Bearer Color, Side 2:
Black
Flammability Class (Contact Bearer), Side 2: UL 94 HB
Molded Body Material, Side 2:
TPU
Molded Body Color, Side 2:
Black
Flammability Class (Molded Body), Side 2:
UL 94 HB
Attachment Material, Side 2:
CuZn
Attachment Plating, Side 2:
Nickel-plated
Shielding Material, Side 2:
CuZn, tin-plated
Fastening Torque (Attachment), Side 2:
M 12x1: (50-60) Ncm, hand-tight
Safety & Environmental Compliance
RoHS Compliant:
yes
Resistances
Oil Resistance:
UL OIL RES I
Notes
Protection Degree / IP Rating Note:
** only if mounted and locked in combination with Hirschmann / Lumberg Automation connector.
Note Derating:
Notice derating
History
Update and Revision:
Revision Number: 0.59 Revision Date: 02-03-2025
Variants
Item #
Item Description
Cable Length
2036
0985 S4742 116/0,5 M 0.5 m
2037
0985 S4742 116/1 M
1 m
2038
0985 S4742 116/2 M
2 m
2039
0985 S4742 116/3 M
3 m
2040
0985 S4742 116/5 M
5 m
5920
0985 S4742 116/10 M
10 m
5921
0985 S4742 116/15 M
15 m



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com