Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP2003ATRPBF Datasheet(PDF) 10 Page - International Rectifier

Part # IP2003ATRPBF
Description  Synchronous Buck Multiphase Optimized LGA Power Block Intergrated Power Semiconductors,Drivers&Passives
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IP2003ATRPBF Datasheet(HTML) 10 Page - International Rectifier

Back Button IP2003ATRPBF Datasheet HTML 2Page - International Rectifier IP2003ATRPBF Datasheet HTML 3Page - International Rectifier IP2003ATRPBF Datasheet HTML 4Page - International Rectifier IP2003ATRPBF Datasheet HTML 5Page - International Rectifier IP2003ATRPBF Datasheet HTML 6Page - International Rectifier IP2003ATRPBF Datasheet HTML 7Page - International Rectifier IP2003ATRPBF Datasheet HTML 8Page - International Rectifier IP2003ATRPBF Datasheet HTML 9Page - International Rectifier IP2003ATRPBF Datasheet HTML 10Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
www.irf.com
10
iP2003APbF
Data and specifications subject to change without notice.
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105
TAC Fax: (310) 252-7903
Visit us at www.irf.com for sales contact information.08/06
Fig. 13: Part Marking
The recommended reflow peak temperature not to exceed 260°C. The total furnance time is approximately
5 minutes with approximately 10 seconds at the peak temperature.
Fig.14: Recommended solder profile and stencil design
2. DIMENSIONS ARE SHOWN IN MILLIMETERS.
3. THIS OPENING IS BASED ON USING 150 MICRON STENCIL.
1. THIS VIEW IS STENCIL SQUEEGEE VIEW
NOTES:
IF USING DIFFERENT THICKNESS STENCIL, THIS OPENING
F
H
Y
X
G
X
Y
Y
E
Y
X
X
B,C
X
Y
1.9304
4.8514
3.3274
2.9464
3.3274
5.2324
3.3274
1.6764
0.9906
0.9492
A
1.9492
0.9906
D
0.9906
1.0668
X
Y
Y
X
I,J
X
Y
0.9144
0.5334
A
B
C
D
E
F
G
H
I
J
NEEDS TO BE ADJUSTED ACCORDINGLY
STENCIL DESIGN
XX



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com