Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0913 Datasheet(PDF) 1 Page - ASSUN MOTOR Pte Ltd.

Part # 0913
Description  METAL BRUSH
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASSUN [ASSUN MOTOR Pte Ltd.]
Direct Link  https://assunmotor.com/
Logo ASSUN - ASSUN MOTOR Pte Ltd.

0913 Datasheet(HTML) 1 Page - ASSUN MOTOR Pte Ltd.

  0913 Datasheet HTML 1Page - ASSUN MOTOR Pte Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
0.5
N
0.5
N
≤0.02 mm
155
ºC
1.5 N
1.2
mm
Preset
-40 to 85ºC
V
rpm
mA
mN.m
rpm
mA
W
mA
m
.
N
m
W
%
Ω
mH
ms
m
c
g
2
mN.m/A
V
/
m
p
r
rpm/mN.m
g
L2:CL10
L3: EN10S
25.2
8
1 mm
0/2.2 mm
L1:10GP
6.8
10
13.2
16.4
19.6
DC BRUSHED CORELESS MOTOR
METAL BRUSH
AM-CL1018MAE SERIES
Precious metal brush
Ball bearings
Motor Model
Nominal voltage
No load speed
±12%
No load current
Max 150%
Max cont. torque
Rated speed
Rated current
Rated power
Starting current
Stall torque
Maximum power output
Maximum efficiency
Terminal resistance
±12%
Inductance
(1KHZ)
Mechanical time constant
Moment of inertia
Torque constant
Speed constant
Speed/ torque gradient
Weight
Recommend
limit for
continuous
operating
ADDITIONAL INFORMATION
Motor thermal resistance:
Axial (dynamic):
Press-fit force (static):
Maximum radial play (5mm from mounting face):
Maximum winding temperature:
Standard rear shaft diameter:
Motor thermal time constant:
Radial (5mm from mounting face):
Max allowable screw depth into flange:
Axial play
Ambient temperature range:
Standard rear shaft length ”L”:
TotalLength (Gearbox andMotor): LT=L1+L2+L3
AM-CL1025MAF Combiniation Scheme
Remarks: Client can choose gearbox and encoder to match with this
motor. Some combinations are listed here for reference.
Recommended Gearbox:
Planetary Gearbox:
AM-10GP
For more combination specs, visit Assun Motor werbsite.
Recommended Encoder:
Encoder S: AM-EN1008S***
Motor data tested at 25ºC. Motor operation exceeding continuous limits will reduce life or result in damage.
At elevated ambient temperatures, load current must be reduced.
Download datasheet: https://assunmotor.com/documents-download
Visit Our Website and Online Shop at https://assunmotor.com Contact: info@assunmotor.com
2024-A Edition. Specifications are subject to change without notice. Copyright Assun Motor Pte Ltd. All Rights Reserved.
L1:12GP
15.4
19.6
23.8
28
32.2
AM-1
GP
1.5
0113
11500
82
0.91
4430
900
13
1300
1.4
2.64
58
1.0
0.01
7.24
0.077
1.07
8950
7
9030
12
1212
12400
10
0.9
4790
110
13
160
1.3
2.64
56
74.5
0.86
7.26
0.071
8.53
1120
7
9830
3
0313
12900
43
0.92
4590
500
13
740
1.5
2.64
58
4.0
0.05
7.19
0.077
2.07
4600
7
8970
4.5
0413
12500
27
0.92
4170
310
13
460
1.4
5.4
58
9.7
0.12
7.21
0.076
3.2
2980
7
9060
6
0613
12500
20
0.91
4000
220
13
330
1.35
4.3
57
17.5
0.21
7.22
0.073
4.27
2240
7
9400
9
0913
12500
12
0.9
4830
150
13
210
1.3
4.8
56
41.5
0.18
7.27
0.071
6.4
1490
7
9750
37.6
K/W
156
S


Similar Part No. - 0913

ManufacturerPart #DatasheetDescription
logo
ASSUN MOTOR Pte Ltd.
0913 ASSUN-0913 Datasheet
269Kb / 1P
Graphite Brush
2023-A
logo
Schurter Inc.
0913.2006 SCHURTER-0913.2006 Datasheet
2Mb / 58P
FUSEHOLDERS / SICHERUNGSHALTER
0913.2012 SCHURTER-0913.2012 Datasheet
2Mb / 58P
FUSEHOLDERS / SICHERUNGSHALTER
0913.2016 SCHURTER-0913.2016 Datasheet
2Mb / 58P
FUSEHOLDERS / SICHERUNGSHALTER
0913.2024 SCHURTER-0913.2024 Datasheet
2Mb / 58P
FUSEHOLDERS / SICHERUNGSHALTER
More results

Similar Description - 0913

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPIC2101 TI-TPIC2101 Datasheet
251Kb / 18P
DC BRUSH MOTOR CONTROLLER
logo
Rohm
BA6920FP-Y ROHM-BA6920FP-Y_1 Datasheet
160Kb / 5P
Motor driver with DC brush
logo
Mallory performance clu...
3146A MALLORY-3146A Datasheet
44Kb / 2P
REPLACEMENT BRUSH KIT
logo
List of Unclassifed Man...
IG-22GM ETC1-IG-22GM Datasheet
168Kb / 1P
DC CARBON-BRUSH MOTORS
logo
Texas Instruments
TPIC2101 TI1-TPIC2101_12 Datasheet
397Kb / 21P
DC BRUSH MOTOR CONTROLLER
logo
Rohm
BD6210HFP-TR ROHM-BD6210HFP-TR Datasheet
1Mb / 24P
DC Brush Motor Drivers
BD6220F-E2 ROHM-BD6220F-E2 Datasheet
1Mb / 25P
DC Brush Motor Drivers
BD6230F-E2 ROHM-BD6230F-E2 Datasheet
1Mb / 28P
DC Brush Motor Drivers
BD62110AEFJ ROHM-BD62110AEFJ Datasheet
938Kb / 19P
DC Brush Motor Drivers
logo
TE Connectivity Ltd
C-2213365 TEC-C-2213365 Datasheet
526Kb / 4P
DIMMABLE PHOTOCONTROL BRUSH CONTACT
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com