Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0607 Datasheet(PDF) 1 Page - ASSUN MOTOR Pte Ltd.

Part # 0607
Description  METAL BRUSH
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASSUN [ASSUN MOTOR Pte Ltd.]
Direct Link  https://assunmotor.com/
Logo ASSUN - ASSUN MOTOR Pte Ltd.

0607 Datasheet(HTML) 1 Page - ASSUN MOTOR Pte Ltd.

  0607 Datasheet HTML 1Page - ASSUN MOTOR Pte Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
DC BRUSHED CORELESS MOTOR
METAL BRUSH
Download datasheet: https://assunmotor.com/documents-download
AM-CL1633MAN SERIES
25.2K/W
1.0 N
16 (90)N
≤0.02 mm
85ºC
1286S
180.0 N
4.5mm
0 (
<8.0N )
-30 to 65ºC
Precious metal brush
Ball bearings
Motor Model
Nominal voltage
V
No load speed
±12%
rpm
No load current
Max 150%
mA
Max cont. torque
mN.m
Rated speed
rpm
Rated current
mA
Rated power
W
Starting current
mA
m
.
N
m
e
u
q
r
o
t
ll
a
t
S
Maximum power output
W
%
y
c
n
e
i
c
if
f
e
m
u
m
i
x
a
M
Terminal resistance
±12%
Ω
Inductance
(1KHZ)
mH
Mechanical time constant
ms
m
c
g
a
it
r
e
n
i
f
o
t
n
e
m
o
M
2
Torque constant
mN.m/A
V
/
m
p
r
t
n
a
t
s
n
o
c
d
e
e
p
S
Speed/ torque gradient
rpm/mN.m
g
t
h
g
i
e
W
ADDITIONAL INFORMATION
Motor thermal resistance:
Motor thermal time constant:
Axial (dynamic):
Radial (5mm from mounting face):
Press-fit force (static):
Max allowable screw depth into flange:
Maximum radial play (5mm from mounting face):
Axial play
Maximum winding temperature:
Ambient temperature range:
TotalLength (Gearbox andMotor): LT=L1+L2+L3
L1:16GP
L1: 19GP
L2:CL16
L3: EN16S
15.9
17.2
33.0
10.7
23.3
22
27.0
26.8
AM-CL1633MAN Combiniation Scheme
3
0305
5370
30
3.3
3931
650
1.3
2344
12
1.7
79
1.28
0.061
10.7
2.32
5.3
1813
441
3
0308
7700
50
2.9
6204
850
1.9
4167
15
3.1
79
0.72
0.024
11.5
2.15
3.7
2598
27.9
509
28.7
6
0607
7250
35
3.5
5775
480
2.1
2222
17
3.2
76
2.7
0.15
10.4
2.32
7.8
1228
426
28.7
6
0606
5790
22
3.7
4354
400
1.7
1546
15
2.3
78
3.88
0.22
9.5
2.32
9.8
979
389
28.6
6
0605
5280
24
3.5
3813
350
1.4
1198
1.2
1.7
74
5.01
0.28
10.3
2.32
10.6
898
423
28.7
12
1207
7300
14
3.2
5600
200
1.9
870
15
2.5
76
13.8
0.74
10.5
2.22
17.1
608
451
28.1
12
1205
5200
12
3.6
3683
188
1.4
583
12
1.7
73
20.6
1.21
10.2
2.29
21.5
444
426
28.6
Recommend
limit for
continuous
operating
Motor data tested at 25ºC. Motor operation exceeding continuous limits will reduce life or result in damage.
At elevated ambient temperatures, load current must be reduced.
Remarks: Client can choose gearbox and encoder to match with this
motor. Some combinations are listed here for reference.
Recommended Gearbox:
Planetary Gearbox:
AM-16GP
AM-19GP
For more combination specs, visit Assun Motor werbsite.
Recommended Encoder:
Encoder S: AM-EN1611S***
2~3 Channels
Standard rear shaft diameter:
2 mm
Standard rear shaft length ”L”:
0/3.7 mm
Visit Our Website and Online Shop at https://assunmotor.com Contact: info@assunmotor.com
2023 Edition. Specifications are subject to change without notice. Copyright Assun Motor Pte Ltd. All Rights Reserved.
31.6


Similar Part No. - 0607

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
0607 SCHURTER-0607 Datasheet
388Kb / 3P
Interconnection Cord with IEC Plug E, Angled
logo
ASSUN MOTOR Pte Ltd.
0607 ASSUN-0607 Datasheet
200Kb / 1P
METAL BRUSH
2023-A
0607 ASSUN-0607 Datasheet
133Kb / 1P
METAL BRUSH
2020
0607 ASSUN-0607 Datasheet
252Kb / 1P
METAL Brush
2023-A
logo
Weidmuller
0607000000 WEIDMULLER-0607000000 Datasheet
102Kb / 1P
Fuse terminals
More results

Similar Description - 0607

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPIC2101 TI-TPIC2101 Datasheet
251Kb / 18P
DC BRUSH MOTOR CONTROLLER
logo
Rohm
BA6920FP-Y ROHM-BA6920FP-Y_1 Datasheet
160Kb / 5P
Motor driver with DC brush
logo
Mallory performance clu...
3146A MALLORY-3146A Datasheet
44Kb / 2P
REPLACEMENT BRUSH KIT
logo
List of Unclassifed Man...
IG-22GM ETC1-IG-22GM Datasheet
168Kb / 1P
DC CARBON-BRUSH MOTORS
logo
Texas Instruments
TPIC2101 TI1-TPIC2101_12 Datasheet
397Kb / 21P
DC BRUSH MOTOR CONTROLLER
logo
Rohm
BD6210HFP-TR ROHM-BD6210HFP-TR Datasheet
1Mb / 24P
DC Brush Motor Drivers
BD6220F-E2 ROHM-BD6220F-E2 Datasheet
1Mb / 25P
DC Brush Motor Drivers
BD6230F-E2 ROHM-BD6230F-E2 Datasheet
1Mb / 28P
DC Brush Motor Drivers
BD62110AEFJ ROHM-BD62110AEFJ Datasheet
938Kb / 19P
DC Brush Motor Drivers
logo
TE Connectivity Ltd
C-2213365 TEC-C-2213365 Datasheet
526Kb / 4P
DIMMABLE PHOTOCONTROL BRUSH CONTACT
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com