Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0607 Datasheet(PDF) 1 Page - ASSUN MOTOR Pte Ltd.

Part # 0607
Description  METAL BRUSH
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASSUN [ASSUN MOTOR Pte Ltd.]
Direct Link  https://assunmotor.com/
Logo ASSUN - ASSUN MOTOR Pte Ltd.

0607 Datasheet(HTML) 1 Page - ASSUN MOTOR Pte Ltd.

  0607 Datasheet HTML 1Page - ASSUN MOTOR Pte Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
DC BRUSHED CORELESS MOTOR
METAL BRUSH
24.9K/W
1.0 N
16(70)N
≤0.02 mm
85ºC
412 S
1.8 N
3.0 mm
Preset
-30 to 65ºC
3
0307
6730
65
3.3
5768
850
2.0
5556
23
4.1
80
0.54
0.018
9.3
3.04
4.2
2270
38.9
291
3
0305
5242
50
4.0
4058
800
1.7
3371
18
2.5
77
0.89
0.037
9.0
2.94
5.4
1774
38.6
293
6
0607
6620
32
5.3
5207
650
2.9
2927
25
4.3
80
2.05
0.11
8.2
2.94
8.6
1116
38.7
267
6
0605
4987
23
5.4
3607
500
2.0
1754
20
2.6
78
3.42
0.21
8.2
3.11
11.4
841
40.1
253
9
0907
6878
24
5.3
5462
450
3.0
2093
26
4.6
80
4.3
0.24
8.7
3.07
12.4
773
40.1
269
12
1206
6360
16
5.4
5008
320
2.8
1446
25
4.2
80
8.3
0.52
7.7
2.94
17.8
536
38.7
250
12
1204
4400
10
6.2
2728
250
1.8
642
16
1.9
77
18.7
1.1
8.3
2.91
25.6
372
38.5
272
26
2607
7080
10
5.2
5580
160
3.0
718
24
4.5
78
36.7
2.01
8.7
2.87
34.6
276
38.4
289
Precious metal brush
Ball bearings
Motor Model
Nominal voltage
V
No load speed
±12%
rpm
No load current
Max 150%
mA
Max cont. torque
mN.m
Rated speed
rpm
Rated current
mA
Rated power
W
Starting current
mA
m
.
N
m
e
u
q
r
o
t
ll
a
t
S
Maximum power output
W
%
y
c
n
e
i
c
if
f
e
m
u
m
i
x
a
M
Terminal resistance
±12%
Ω
Inductance
(1KHZ)
mH
Mechanical time constant
ms
m
c
g
a
it
r
e
n
i
f
o
t
n
e
m
o
M
2
Torque constant
mN.m/A
V
/
m
p
r
t
n
a
t
s
n
o
c
d
e
e
p
S
Speed/ torque gradient
rpm/mN.m
g
t
h
g
i
e
W
ADDITIONAL INFORMATION
Motor thermal resistance:
Motor thermal time constant:
Axial (dynamic):
Radial (5mm from mounting face):
Press-fit force (static):
Max allowable screw depth into flange:
Maximum radial play (5mm from mounting face):
Axial play
Maximum winding temperature:
Ambient temperature range:
TotalLength (Gearbox andMotor): LT=L1+L2+L3
L1:16GP
L1: 19GP
L2:CL16
L3: EN16S
15.9
18.8
43.0
10.7
23.3
23.6
27.0
28.4
Recommended Gearbox:
Planetary Gearbox:
AM-16GP
AM-19GP
AM-CL1643MAN Combiniation Scheme
Download datasheet: https://assunmotor.com/documents-download
For more combination specs, visit Assun Motor werbsite.
Recommended Encoder:
Encoder S: AM-EN1611S***
2~3 Channels
Recommend
limit for
continuous
operating
AM-CL1643MAN SERIES
Motor data tested at 25ºC. Motor operation exceeding continuous limits will reduce life or result in damage.
At elevated ambient temperatures, load current must be reduced.
Remarks: Client can choose gearbox and encoder to match with this
motor. Some combinations are listed here for reference.
Standard rear shaft diameter:
2 mm
Standard rear shaft length ”L”:
0/3.7 mm
Visit Our Website and Online Shop at https://assunmotor.com Contact: info@assunmotor.com
2023-A Edition. Specifications are subject to change without notice. Copyright Assun Motor Pte Ltd. All Rights Reserved.


Similar Part No. - 0607

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
0607 SCHURTER-0607 Datasheet
388Kb / 3P
Interconnection Cord with IEC Plug E, Angled
logo
ASSUN MOTOR Pte Ltd.
0607 ASSUN-0607 Datasheet
210Kb / 1P
METAL BRUSH
2023
0607 ASSUN-0607 Datasheet
133Kb / 1P
METAL BRUSH
2020
0607 ASSUN-0607 Datasheet
252Kb / 1P
METAL Brush
2023-A
logo
Weidmuller
0607000000 WEIDMULLER-0607000000 Datasheet
102Kb / 1P
Fuse terminals
More results

Similar Description - 0607

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPIC2101 TI-TPIC2101 Datasheet
251Kb / 18P
DC BRUSH MOTOR CONTROLLER
logo
Rohm
BA6920FP-Y ROHM-BA6920FP-Y_1 Datasheet
160Kb / 5P
Motor driver with DC brush
logo
Mallory performance clu...
3146A MALLORY-3146A Datasheet
44Kb / 2P
REPLACEMENT BRUSH KIT
logo
List of Unclassifed Man...
IG-22GM ETC1-IG-22GM Datasheet
168Kb / 1P
DC CARBON-BRUSH MOTORS
logo
Texas Instruments
TPIC2101 TI1-TPIC2101_12 Datasheet
397Kb / 21P
DC BRUSH MOTOR CONTROLLER
logo
Rohm
BD6210HFP-TR ROHM-BD6210HFP-TR Datasheet
1Mb / 24P
DC Brush Motor Drivers
BD6220F-E2 ROHM-BD6220F-E2 Datasheet
1Mb / 25P
DC Brush Motor Drivers
BD6230F-E2 ROHM-BD6230F-E2 Datasheet
1Mb / 28P
DC Brush Motor Drivers
BD62110AEFJ ROHM-BD62110AEFJ Datasheet
938Kb / 19P
DC Brush Motor Drivers
logo
TE Connectivity Ltd
C-2213365 TEC-C-2213365 Datasheet
526Kb / 4P
DIMMABLE PHOTOCONTROL BRUSH CONTACT
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com