Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0607 Datasheet(PDF) 1 Page - ASSUN MOTOR Pte Ltd.

Part # 0607
Description  METAL BRUSH
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASSUN [ASSUN MOTOR Pte Ltd.]
Direct Link  https://assunmotor.com/
Logo ASSUN - ASSUN MOTOR Pte Ltd.

0607 Datasheet(HTML) 1 Page - ASSUN MOTOR Pte Ltd.

  0607 Datasheet HTML 1Page - ASSUN MOTOR Pte Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
57
2020 Edition. Specifications are subject to change without notice. Copyright Assun Motor Pte Ltd. All Rights Reserved.
DC BRUSHED CORELESS MOTOR
METAL BRUSH
Visit Our Website and Online Shop at https://assunmotor.com
Contact: info@assunmotor.com
24.9K/W
5.9 N
16(90)N
≤0.02 mm
85º
C
685 S
8.0 N
2.5 mm
Preset
-30 to 65º
C
3
0308
7600
55
3.2
6998
900
2.3
10714
40
8.0
86
0.28
0.015
11.4
5.75
3.8
2546
56.4
190.1
12
1207
6548
10.2
6.8
5448
400
3.9
2330
40
6.9
87
5.15
0.32
9.8
5.75
17.4
548
56.5
162.0
12
1205
4986
7
7.8
3769
350
3.1
1412
32
4.2
86
8.50
0.54
9.5
5.82
22.9
418
56.6
155.2
24
2407
7048
6.5
6.9
5901
220
4.3
1319
42
7.8
86
18.2
1.1
9.6
5.55
32.4
295
56.3
166.0
24
2406
6167
8.5
7.1
5041
200
3.7
1057
39
6.2
83
22.7
1.38
9.3
5.55
36.9
259
56.3
159.5
3
0305
4500
30
5.2
3745
850
2.0
4918
31
3.6
85
0.61
0.037
9.2
6.02
6.3
1509
56.9
145.5
6
0607
6998
27
5.9
6083
750
3.8
5556
45
8.3
87
1.08
0.68
9.8
6.02
8.1
1172
56.9
155.4
6
0605
5006
14
7.2
3843
650
2.9
2752
31
4.1
86
2.18
0.14
9.9
5.88
11.4
839
56.7
160.5
Precious metal brush
Ball bearings
ADDITIONAL INFORMATION
Motor thermal resistance:
Motor thermal time constant:
Axial (dynamic):
Radial (5mm from mounting face):
Press-fit force (static):
Max allowable screw depth into flange:
Maximum radial play (5mm from mounting face):
Axial play
Maximum winding temperature:
Ambient temperature range:
Total Length (Gearbox and Motor): LT=L1 +L2+ L3
L1:20GP
L1: 24GP
L2:CL22
L3: EN22S
18.8
22.2
32.2
10.7
23.6
27.4
28.4
32.6
Recommended Gearbox:
Planetary Gearbox:
AM-20GP
AM-24GP
AM-CL2232MAN Combiniation Scheme
Download datasheet:
https://assunmotor.com/documents-download
For more combination specs, visit Assun Motor werbsite.
Recommended Encoder:
Encoder S: AM-EN2211S***
2~3 Channels
AM-CL2232MAN SERIES
Motor data tested at 25ºC. Motor operation exceeding continuous limits will reduce life or result in damage.
At elevated ambient temperatures, load current must be reduced.
Remarks: Client can choose gearbox and encoder to match with this
motor. Some combinations are listed here for reference.
Motor Model
Nomin
al voltage
V
No
load speed
±12%
rpm
No
load current
Max 150%
m
A
Max cont. torque
mN.m
Rated speed
rpm
Rated current
mA
Rated power
W
St
arting current
m
A
mN.m
Stall torque
Maximum power output
W
%
Maximum efficiency
Te
rminal resistance
±12%
Ω
Ind
uctance
(1KHZ)
mH
Mechanical time constant
m
s
gcm²
Moment of inertia
Torque constant
mN.m/
A
rpm/V
Speed constant
Speed
/torque gradient
rpm/mN.m
g
Weight
Recommend
limit for
contin
uous
op
erating
Standard rear shaft diameter:
2 mm
Standard rear shaft length ”L”:
0/3.7 mm


Similar Part No. - 0607

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
0607 SCHURTER-0607 Datasheet
388Kb / 3P
Interconnection Cord with IEC Plug E, Angled
logo
ASSUN MOTOR Pte Ltd.
0607 ASSUN-0607 Datasheet
210Kb / 1P
METAL BRUSH
2023
0607 ASSUN-0607 Datasheet
200Kb / 1P
METAL BRUSH
2023-A
0607 ASSUN-0607 Datasheet
252Kb / 1P
METAL Brush
2023-A
logo
Weidmuller
0607000000 WEIDMULLER-0607000000 Datasheet
102Kb / 1P
Fuse terminals
More results

Similar Description - 0607

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPIC2101 TI-TPIC2101 Datasheet
251Kb / 18P
DC BRUSH MOTOR CONTROLLER
logo
Rohm
BA6920FP-Y ROHM-BA6920FP-Y_1 Datasheet
160Kb / 5P
Motor driver with DC brush
logo
Mallory performance clu...
3146A MALLORY-3146A Datasheet
44Kb / 2P
REPLACEMENT BRUSH KIT
logo
List of Unclassifed Man...
IG-22GM ETC1-IG-22GM Datasheet
168Kb / 1P
DC CARBON-BRUSH MOTORS
logo
Texas Instruments
TPIC2101 TI1-TPIC2101_12 Datasheet
397Kb / 21P
DC BRUSH MOTOR CONTROLLER
logo
Rohm
BD6210HFP-TR ROHM-BD6210HFP-TR Datasheet
1Mb / 24P
DC Brush Motor Drivers
BD6220F-E2 ROHM-BD6220F-E2 Datasheet
1Mb / 25P
DC Brush Motor Drivers
BD6230F-E2 ROHM-BD6230F-E2 Datasheet
1Mb / 28P
DC Brush Motor Drivers
BD62110AEFJ ROHM-BD62110AEFJ Datasheet
938Kb / 19P
DC Brush Motor Drivers
logo
TE Connectivity Ltd
C-2213365 TEC-C-2213365 Datasheet
526Kb / 4P
DIMMABLE PHOTOCONTROL BRUSH CONTACT
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com