Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PJDLC05T/R Datasheet(PDF) 2 Page - Pan Jit International Inc.

Part # PJDLC05T/R
Description  ULTRA LOW CAPACITANCE SINGLE TRANSIENT OVERVOLTAGE SUPPRESSOR FOR HIGH SPEED DATA LINES
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

PJDLC05T/R Datasheet(HTML) 2 Page - Pan Jit International Inc.

  PJDLC05T/R Datasheet HTML 1Page - Pan Jit International Inc. PJDLC05T/R Datasheet HTML 2Page - Pan Jit International Inc. PJDLC05T/R Datasheet HTML 3Page - Pan Jit International Inc. PJDLC05T/R Datasheet HTML 4Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
PAGE . 2
STAD-OCT.08.2003
Pulse Waveform
Power Derating Curve
5
25
0
0
10
50
15
75
20
100
25
125
30
150
110
110
100
100
90
90
80
80
70
70
60
60
50
50
40
40
30
30
20
20
10
10
0
0
time,
sec
m
Ambient Temperature - TA, C
O
Rise time 10-90% - 8 s
m
50% of Ipp @ 20 s
m
6
0.1
8
1
10
10
12
100
14
1000
24
18
20
22
16
Clamping Voltage, Volts
Pulse Duration,
msec
18
16
14
12
10
8
6
10
4
1
2
0.1
0
0.01
Clamping Voltage vs Ipp 8x20 sec
m
Non-Repetitive Peak Pulse Power vs Pulse Time
RATING AND CHARACTERISTICS CURVES
r
e
t
e
m
a
r
a
P
l
o
b
m
y
S
s
n
o
i
t
i
d
n
o
C
.
n
i
M
l
a
c
i
p
y
T
.
x
a
M
s
t
i
n
U
e
g
a
tl
o
V
f
f
O
-
d
n
a
t
S
e
s
r
e
v
e
R
V
M
W
R
5
V
e
g
a
tl
o
V
n
w
o
d
k
a
e
r
B
e
s
r
e
v
e
R
V
R
B
I
R
B
A
m
1
=
6
V
t
n
e
r
r
u
C
e
g
a
k
a
e
L
e
s
r
e
v
e
R
I
R
V
M
W
R
V
5
=
T
A
5
2
=
OC
5
µA
e
g
a
tl
o
V
g
n
i
p
m
a
l
C
V
C
I
P
P
A
1
=
0
2
x
8
µ c
e
s
5
.
9
V
e
g
a
tl
o
V
g
n
i
p
m
a
l
C
V
C
I
P
P
A
5
=
0
2
x
8
µ c
e
s
2
1
V
t
n
e
r
r
u
C
e
s
l
u
P
k
a
e
P
m
u
m
i
x
a
M
I
P
P
0
2
x
8
µ c
e
s
m
r
o
f
e
v
a
W
7
1
A
)
g
e
l
r
e
P
(
e
c
n
a
t
i
c
a
p
a
C
n
o
it
c
n
u
J
C
j
z
H
M
1
,
c
d
V
0
3
-
2
r
o
3
-
1
n
e
e
w
t
e
B
8
.
0
2
.
1
F
p
ELECTRICAL CHARACTERISTICS



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com