Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD54HC32 Datasheet(PDF) 2 Page - Texas Instruments

Part # CD54HC32
Description  High-Speed CMOS Logic Quad 2-Input OR Gate
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD54HC32 Datasheet(HTML) 2 Page - Texas Instruments

  CD54HC32_07 Datasheet HTML 1Page - Texas Instruments CD54HC32_07 Datasheet HTML 2Page - Texas Instruments CD54HC32_07 Datasheet HTML 3Page - Texas Instruments CD54HC32_07 Datasheet HTML 4Page - Texas Instruments CD54HC32_07 Datasheet HTML 5Page - Texas Instruments CD54HC32_07 Datasheet HTML 6Page - Texas Instruments CD54HC32_07 Datasheet HTML 7Page - Texas Instruments CD54HC32_07 Datasheet HTML 8Page - Texas Instruments CD54HC32_07 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
2
Functional Diagram
HC Logic Symbol
HCT Logic Symbol
TRUTH TABLE
INPUTS
OUTPUT
nA
nB
nY
LL
L
LH
H
HL
H
HH
H
H = High Voltage Level, L = Low Voltage Level
1A
1B
2A
2B
2Y
GND
1
2
3
4
5
6
14
13
12
11
VCC
4B
3Y
3B
4A
4Y
10
8
7
9
3A
1Y
nA
nB
nY
nA
nB
nY
CD54HC32, CD74HC32, CD54HCT, CD74HCT32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com