Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EN25F20-75VIP Datasheet(PDF) 6 Page - Eon Silicon Solution Inc.

Part # EN25F20-75VIP
Description  2 Mbit Serial Flash Memory with 4Kbytes Uniform Sector
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EON [Eon Silicon Solution Inc.]
Direct Link  http://www.essi.com.tw
Logo EON - Eon Silicon Solution Inc.

EN25F20-75VIP Datasheet(HTML) 6 Page - Eon Silicon Solution Inc.

Back Button EN25F20-75VIP Datasheet HTML 2Page - Eon Silicon Solution Inc. EN25F20-75VIP Datasheet HTML 3Page - Eon Silicon Solution Inc. EN25F20-75VIP Datasheet HTML 4Page - Eon Silicon Solution Inc. EN25F20-75VIP Datasheet HTML 5Page - Eon Silicon Solution Inc. EN25F20-75VIP Datasheet HTML 6Page - Eon Silicon Solution Inc. EN25F20-75VIP Datasheet HTML 7Page - Eon Silicon Solution Inc. EN25F20-75VIP Datasheet HTML 8Page - Eon Silicon Solution Inc. EN25F20-75VIP Datasheet HTML 9Page - Eon Silicon Solution Inc. EN25F20-75VIP Datasheet HTML 10Page - Eon Silicon Solution Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 31 page
background image
This Data Sheet may be revised by subsequent versions
©2004 Eon Silicon Solution, Inc., www.essi.com.tw
or modifications due to changes in technical specifications.
6
EN25F20
Rev. B, Issue Date: 2007/05/15
device to be put in the Hardware Protected mode. In this mode, the non-volatile bits of the Status Register
(SRP, BP1, BP0) become read-only bits.
In OTP mode, this bit is served as OTP_LOCK bit, user can read/program/erase OTP sector as normal
sector while OTP_LOCK value is equal 0, after OTP_LOCK is programmed with 1 by WRSR command,
the OTP sector is protected from program and erase operation. The OTP_LOCK bit can only be
programmed once.
Note : In OTP mode, the WRSR command will ignore any input data and program OTP_LOCK bit to 1, user
must clear the protect bits before enter OTP mode and program the OTP code, then execute WRSR command
to lock the OTP sector before leaving OTP mode.
Write Protection
Applications that use non-volatile memory must take into consideration the possibility of noise and other
adverse system conditions that may compromise data integrity. To address this concern the EN25F20
provides the following data protection mechanisms:
Power-On Reset and an internal timer (tPUW) can provide protection against inadvertent changes
while the power supply is outside the operating specification.
Program, Erase and Write Status Register instructions are checked that they consist of a number of
clock pulses that is a multiple of eight, before they are accepted for execution.
All instructions that modify data must be preceded by a Write Enable (WREN) instruction to set the
Write Enable Latch (WEL) bit . This bit is returned to its reset state by the following events:
–
Power-up
– Write Disable (WRDI) instruction completion or Write Status Register (WRSR) instruction
completion or Page Program (PP) instruction completion or Sector Erase (SE)instruction
completion or Block Erase (BE) instruction completion or Chip Erase (CE) instruction completion
The Block Protect (BP1, BP0) bits allow part of the memory to be configured as read-only. This is
the Software Protected Mode (SPM).
The Write Protect (WP#) signal allows the Block Protect (BP1, BP0) bits and Status Register Protect
(SRP) bit to be protected. This is the Hardware Protected Mode (HPM).
In addition to the low power consumption feature, the Deep Power-down mode offers extra software
protection from inadvertent Write, Program and Erase instructions, as all instructions are ignored
except one particular instruction (the Release from Deep Power-down instruction).
TABLE 3. Protected Area Sizes Sector Organization
Status Register
Content
Memory Content
BP1
Bit
BP0
Bit
Protect Blocks
Addresses
Density(KB)
Portion
1
1
All ( Block 0 to 3)
000000h-03FFFFh
256KB
All Block
1
0
Block 2 to 3
020000h-03FFFFh
128KB
Upper 1/2
0
1
Block 3
030000h-03FFFFh
64KB
Upper 1/4
0
0
None
None
None
None
Hold Function
The Hold (HOLD) signal is used to pause any serial communications with the device without resetting the
clocking sequence. However, taking this signal Low does not terminate any Write Status Register,
Program or Erase cycle that is currently in progress.
To enter the Hold condition, the device must be selected, with Chip Select (CS#) Low. The Hold condition
starts on the falling edge of the Hold (HOLD) signal, provided that this coincides with Serial Clock (CLK)
being Low (as shown in Figure 4.).
The Hold condition ends on the rising edge of the Hold (HOLD) signal, provided that this coincides with
Serial Clock (CLK) being Low.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com