Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EN25P10-75VIP Datasheet(PDF) 31 Page - Eon Silicon Solution Inc.

Part # EN25P10-75VIP
Description  1 Mbit Uniform Sector, Serial Flash Memory
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EON [Eon Silicon Solution Inc.]
Direct Link  http://www.essi.com.tw
Logo EON - Eon Silicon Solution Inc.

EN25P10-75VIP Datasheet(HTML) 31 Page - Eon Silicon Solution Inc.

Back Button EN25P10-75VIP Datasheet HTML 23Page - Eon Silicon Solution Inc. EN25P10-75VIP Datasheet HTML 24Page - Eon Silicon Solution Inc. EN25P10-75VIP Datasheet HTML 25Page - Eon Silicon Solution Inc. EN25P10-75VIP Datasheet HTML 26Page - Eon Silicon Solution Inc. EN25P10-75VIP Datasheet HTML 27Page - Eon Silicon Solution Inc. EN25P10-75VIP Datasheet HTML 28Page - Eon Silicon Solution Inc. EN25P10-75VIP Datasheet HTML 29Page - Eon Silicon Solution Inc. EN25P10-75VIP Datasheet HTML 30Page - Eon Silicon Solution Inc. EN25P10-75VIP Datasheet HTML 31Page - Eon Silicon Solution Inc.  
Zoom Inzoom in Zoom Outzoom out
 31 / 31 page
background image
This Data Sheet may be revised by subsequent versions
©2004 Eon Silicon Solution, Inc., www.essi.com.tw
or modifications due to changes in technical specifications.
31
EN25P10
Rev. C, Issue Date: 2007/5/4
Revisions List
Revision No Description
Date
A
Initial release
2006/04/27
B
1. Change clock rate from 50MHz to 75MHz,
Page program time 1.4 ms typical to 1.5 ms typical
Sector erase time 150 ms typical to 500 ms
in page 1
2. Change Table 8 DC Characteristics in page 21
(1) Add ICC3 for 75MHz
3. Change Table 10 to 75MHz AC Characteristics in page 22
(1) Change F
R from 50 to 75MHz
(2) Change f
R from 33 to 50MHz
(3) Change t
CLH from 9ns to 6ns
(4) Change t
CLL from 9ns to 6ns
(5) Change t
SHQZ from 9ns to 6ns
(6) Change t
HLQZ from 9ns to 6ns
(7) Change t
HHQZ from 9ns to 6ns
(8) Change t
CLQV from 9ns to 6ns
(9) Change Page program time 1.4ms typical to 1.5ms
4. Add Table 11: 50MHz AC Characteristics in page 23
(1) Change Page program time 1.4ms typical to 1.5ms
5. Add 75MHz option in Ordering Information in page 29
6. Add Package Power Dissipation Capability ( T
A = 25 ℃ ) =
1.0 W in page 25
2006/12/27
C
1. Change clock rate from 75MHz to 100MHz in page 1
2. Change Table 7 Write Inhibit Voltage (Max) from 2V to 2.5V
in page 20
3. Add Table 10: 100MHz AC Characteristics in page 22
4. Add 100MHz option in Ordering Information in page 30
2007/5/4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com