Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EN25P80-75VIP Datasheet(PDF) 18 Page - Eon Silicon Solution Inc.

Part # EN25P80-75VIP
Description  8 Mbit Uniform Sector, Serial Flash Memory
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EON [Eon Silicon Solution Inc.]
Direct Link  http://www.essi.com.tw
Logo EON - Eon Silicon Solution Inc.

EN25P80-75VIP Datasheet(HTML) 18 Page - Eon Silicon Solution Inc.

Back Button EN25P80-75VIP Datasheet HTML 14Page - Eon Silicon Solution Inc. EN25P80-75VIP Datasheet HTML 15Page - Eon Silicon Solution Inc. EN25P80-75VIP Datasheet HTML 16Page - Eon Silicon Solution Inc. EN25P80-75VIP Datasheet HTML 17Page - Eon Silicon Solution Inc. EN25P80-75VIP Datasheet HTML 18Page - Eon Silicon Solution Inc. EN25P80-75VIP Datasheet HTML 19Page - Eon Silicon Solution Inc. EN25P80-75VIP Datasheet HTML 20Page - Eon Silicon Solution Inc. EN25P80-75VIP Datasheet HTML 21Page - Eon Silicon Solution Inc. EN25P80-75VIP Datasheet HTML 22Page - Eon Silicon Solution Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 30 page
background image
This Data Sheet may be revised by subsequent versions
©2004 Eon Silicon Solution, Inc., www.essi.com.tw
or modifications due to changes in technical specifications.
18
EN25P80
Rev. C, Issue Date: 2006/12/25
Read Manufacturer / Device ID (90h)
The Read Manufacturer/Device ID instruction is an alternative to the Release from Power-down / Device
ID instruction that provides both the JEDEC assigned manufacturer ID and the specific device ID.
The Read Manufacturer/Device ID instruction is very similar to the Release from Power-down / Device ID
instruction. The instruction is initiated by driving the CS# pin low and shifting the instruction code “90h”
followed by a 24-bit address (A23-A0) of 000000h. After which, the Manufacturer ID for Eon (1Ch) and the
Device ID are shifted out on the falling edge of CLK with most significant bit (MSB) first as shown in
Figure 17. The Device ID values for the EN25P80 are listed in Table 5. If the 24-bit address is initially set
to 000001h the Device ID will be read first



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com