Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EN25P80-50VIP Datasheet(PDF) 6 Page - Eon Silicon Solution Inc.

Part # EN25P80-50VIP
Description  8 Mbit Uniform Sector, Serial Flash Memory
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EON [Eon Silicon Solution Inc.]
Direct Link  http://www.essi.com.tw
Logo EON - Eon Silicon Solution Inc.

EN25P80-50VIP Datasheet(HTML) 6 Page - Eon Silicon Solution Inc.

Back Button EN25P80-50VIP Datasheet HTML 2Page - Eon Silicon Solution Inc. EN25P80-50VIP Datasheet HTML 3Page - Eon Silicon Solution Inc. EN25P80-50VIP Datasheet HTML 4Page - Eon Silicon Solution Inc. EN25P80-50VIP Datasheet HTML 5Page - Eon Silicon Solution Inc. EN25P80-50VIP Datasheet HTML 6Page - Eon Silicon Solution Inc. EN25P80-50VIP Datasheet HTML 7Page - Eon Silicon Solution Inc. EN25P80-50VIP Datasheet HTML 8Page - Eon Silicon Solution Inc. EN25P80-50VIP Datasheet HTML 9Page - Eon Silicon Solution Inc. EN25P80-50VIP Datasheet HTML 10Page - Eon Silicon Solution Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
This Data Sheet may be revised by subsequent versions
©2004 Eon Silicon Solution, Inc., www.essi.com.tw
or modifications due to changes in technical specifications.
6
EN25P80
Rev. C, Issue Date: 2006/12/25
Status Register. The Status Register contains a number of status and control bits that can be read or set
(as appropriate) by specific instructions.
BUSY bit. The BUSY bit indicates whether the memory is busy with a Write Status Register, Program or
Erase cycle.
WEL bit. The Write Enable Latch (WEL) bit indicates the status of the internal Write Enable Latch.
BP2, BP1, BP0 bits. The Block Protect (BP2, BP1, BP0) bits are non-volatile. They define the size of the
area to be software protected against Program and Erase instructions.
SRP bit. The Status Register Protect (SRP) bit is operated in conjunction with the Write Protect (WP#)
signal. The Status Register Protect (SRP) bit and Write Protect (WP#) signal allow the device to be put in
the Hardware Protected mode. In this mode, the non-volatile bits of the Status Register (SRP, BP2, BP1,
BP0) become read-only bits.
Write Protection
Applications that use non-volatile memory must take into consideration the possibility of noise and other
adverse system conditions that may compromise data integrity. To address this concern the EN25P80
provides the following data protection mechanisms:
Power-On Reset and an internal timer (tPUW) can provide protection against inadvertent changes
while the power supply is outside the operating specification.
Program, Erase and Write Status Register instructions are checked that they consist of a number of
clock pulses that is a multiple of eight, before they are accepted for execution.
All instructions that modify data must be preceded by a Write Enable (WREN) instruction to set the
Write Enable Latch (WEL) bit . This bit is returned to its reset state by the following events:
–
Power-up
– Write Disable (WRDI) instruction completion or Write Status Register (WRSR) instruction
completion or Page Program (PP) instruction completion or Sector Erase (SE)instruction
completion or Bulk Erase (BE) instruction completion or
The Block Protect (BP2, BP1, BP0) bits allow part of the memory to be configured as read-only. This
is the Software Protected Mode (SPM).
The Write Protect (WP#) signal allows the Block Protect (BP2, BP1, BP0) bits and Status Register
Protect (SRP) bit to be protected. This is the Hardware Protected Mode (HPM).
In addition to the low power consumption feature, the Deep Power-down mode offers extra software
protection from inadvertent Write, Program and Erase instructions, as all instructions are ignored
except one particular instruction (the Release from Deep Power-down instruction).
TABLE 3. Protected Area Sizes Sector Organization
Status Register
Content
Memory Content
BP2
Bit
BP1
Bit
BP0
Bit
Protect Sectors
Addresses
Density(KB)
Portion
1
1
1
All
000000h-0FFFFFh
1024KB
All
1
1
0
All
000000h-0FFFFFh
1024KB
All
1
0
1
All
000000h-0FFFFFh
1024KB
All
1
0
0
Sector 8 to 15
080000h-0FFFFFh
512KB
Upper 1/2
0
1
1
Sector 12 to 15
0C0000h-0FFFFFh
256KB
Upper 1/4
0
1
0
Sector 14 to 15
0E0000h-0FFFFFh
128KB
Upper 1/8
0
0
1
Sector 15
0F0000h-0FFFFFh
64KB
Upper 1/16
0
0
0
None
None
None
None



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com