Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EN25P16-50VIP Datasheet(PDF) 5 Page - Eon Silicon Solution Inc.

Part # EN25P16-50VIP
Description  16 Mbit Uniform Sector, Serial Flash Memory
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EON [Eon Silicon Solution Inc.]
Direct Link  http://www.essi.com.tw
Logo EON - Eon Silicon Solution Inc.

EN25P16-50VIP Datasheet(HTML) 5 Page - Eon Silicon Solution Inc.

  EN25P16-50VIP Datasheet HTML 1Page - Eon Silicon Solution Inc. EN25P16-50VIP Datasheet HTML 2Page - Eon Silicon Solution Inc. EN25P16-50VIP Datasheet HTML 3Page - Eon Silicon Solution Inc. EN25P16-50VIP Datasheet HTML 4Page - Eon Silicon Solution Inc. EN25P16-50VIP Datasheet HTML 5Page - Eon Silicon Solution Inc. EN25P16-50VIP Datasheet HTML 6Page - Eon Silicon Solution Inc. EN25P16-50VIP Datasheet HTML 7Page - Eon Silicon Solution Inc. EN25P16-50VIP Datasheet HTML 8Page - Eon Silicon Solution Inc. EN25P16-50VIP Datasheet HTML 9Page - Eon Silicon Solution Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
This Data Sheet may be revised by subsequent versions
©2004 Eon Silicon Solution, Inc., www.essi.com.tw
or modifications due to changes in technical specifications.
5
EN25P16
Rev. C, Issue Date: 2006/12/25
MEMORY ORGANIZATION
The memory is organized as:
2,097,152 bytes
Uniform Sector Architecture
Thirty two 64-Kbyte sectors
8192 pages (256 bytes each)
Each page can be individually programmed (bits are programmed from 1 to 0). The device is Sector or
Bulk Erasable but not Page Erasable.
Table 2. Block Sector Architecture
Sector
SECTOR SIZE (KByte)
Address range
31
64
1F0000h – 1FFFFFh
30
64
1E0000h – 1EFFFFh
29
64
1D0000h – 1DFFFFh
28
64
1C0000h – 1CFFFFh
27
64
1B0000h – 1BFFFFh
26
64
1A0000h – 1AFFFFh
25
64
190000h – 19FFFFh
24
64
180000h – 18FFFFh
23
64
170000h – 17FFFFh
22
64
160000h – 16FFFFh
21
64
150000h – 15FFFFh
20
64
140000h – 14FFFFh
19
64
130000h – 13FFFFh
18
64
120000h – 12FFFFh
17
64
110000h – 11FFFFh
16
64
100000h – 10FFFFh
15
64
0F0000h – 0FFFFFh
14
64
0E0000h – 0EFFFFh
13
64
0D0000h – 0DFFFFh
12
64
0C0000h – 0CFFFFh
11
64
0B0000h – 0BFFFFh
10
64
0A0000h – 0AFFFFh
9
64
090000h – 09FFFFh
8
64
080000h – 08FFFFh
7
64
070000h – 07FFFFh
6
64
060000h – 06FFFFh
5
64
050000h – 05FFFFh
4
64
040000h – 04FFFFh
3
64
030000h – 03FFFFh
2
64
020000h – 02FFFFh
1
64
010000h – 01FFFFh
0
64
000000h – 00FFFFh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com