Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M25P40-VMP6G/X Datasheet(PDF) 50 Page - STMicroelectronics

Part # M25P40-VMP6G/X
Description  4 Mbit, low voltage, serial Flash memory with 50 MHz SPI bus interface
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M25P40-VMP6G/X Datasheet(HTML) 50 Page - STMicroelectronics

Back Button M25P40-VMP6G/X Datasheet HTML 45Page - STMicroelectronics M25P40-VMP6G/X Datasheet HTML 46Page - STMicroelectronics M25P40-VMP6G/X Datasheet HTML 47Page - STMicroelectronics M25P40-VMP6G/X Datasheet HTML 48Page - STMicroelectronics M25P40-VMP6G/X Datasheet HTML 49Page - STMicroelectronics M25P40-VMP6G/X Datasheet HTML 50Page - STMicroelectronics M25P40-VMP6G/X Datasheet HTML 51Page - STMicroelectronics M25P40-VMP6G/X Datasheet HTML 52Page - STMicroelectronics M25P40-VMP6G/X Datasheet HTML 53Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 50 / 53 page
background image
Revision history
M25P40
50/53
13
Revision history
Table 25.
Document revision history
Date
Revision
Changes
12-Apr-2001
1.0
Document written.
25-May-2001
1.1
Serial Paged Flash Memory renamed as Serial Flash Memory.
11-Sep-2001
1.2
Changes to text: Signal Description/Chip Select; Hold Condition/1st para;
Protection modes; Release from Power-down and Read Electronic
Signature (RES); Power-up.
Repositioning of several tables and illustrations without changing their
contents.
Power-up timing illustration; SO8W package removed.
Changes to tables: Abs Max Ratings/VIO; DC Characteristics/VIL.
16-Jan-2002
1.3
FAST_READ instruction added. Document revised with new timings, VWI,
ICC3 and clock slew rate. Descriptions of Polling, Hold Condition, Page
Programming, Release for Deep Power-down made more precise. Value
of tW(max) modified.
12-Sep-2002
1.4
Clarification of descriptions of entering Standby Power mode from Deep
Power-down mode, and of terminating an instruction sequence or data-
out sequence.
VFQFPN8 package (MLP8) added. Document promoted to Preliminary
Data.
13-Dec-2002
1.5
Typical Page Program time improved. Deep Power-down current
changed. Write Protect setup and hold times specified, for applications
that switch Write Protect to exit the Hardware Protection mode
immediately before a WRSR, and to enter the Hardware Protection mode
again immediately after.
12-Jun-2003
1.6
Document promoted from Preliminary Data to full Datasheet.
24-Nov-2003
2.0
Table of contents, warning about exposed paddle on MLP8, and Pb-free
options added.
40 MHz AC Characteristics table included as well as 25 MHz. ICC3(max),
tSE(typ) and tBE(typ) values improved. Change of naming for VDFPN8
package.
12-Mar-2004
3.0
Automotive range added. Soldering temperature information clarified for
RoHS compliant devices.
05-Aug-2004
4.0
Device grade information clarified. Data-retention measurement
temperature corrected. Details of how to find the date of marking added.
03-Jan-2005
5.0
Small text changes. Notes 2 and 3 removed from Table 24: Ordering
information scheme.
End timing line of tSHQZ modified in Figure 25: Output timing.
01-Aug-2005
6.0
Updated Page Program (PP) instructions in Page Programming, Page
Program (PP), Instruction times (device grade 6) and Instruction times
(device grade 3).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com