Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EN25B32-100VIP Datasheet(PDF) 13 Page - Eon Silicon Solution Inc.

Part # EN25B32-100VIP
Description  32 Mbit Serial Flash Memory with Boot and Parameter Sectors
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EON [Eon Silicon Solution Inc.]
Direct Link  http://www.essi.com.tw
Logo EON - Eon Silicon Solution Inc.

EN25B32-100VIP Datasheet(HTML) 13 Page - Eon Silicon Solution Inc.

Back Button EN25B32-100VIP Datasheet HTML 9Page - Eon Silicon Solution Inc. EN25B32-100VIP Datasheet HTML 10Page - Eon Silicon Solution Inc. EN25B32-100VIP Datasheet HTML 11Page - Eon Silicon Solution Inc. EN25B32-100VIP Datasheet HTML 12Page - Eon Silicon Solution Inc. EN25B32-100VIP Datasheet HTML 13Page - Eon Silicon Solution Inc. EN25B32-100VIP Datasheet HTML 14Page - Eon Silicon Solution Inc. EN25B32-100VIP Datasheet HTML 15Page - Eon Silicon Solution Inc. EN25B32-100VIP Datasheet HTML 16Page - Eon Silicon Solution Inc. EN25B32-100VIP Datasheet HTML 17Page - Eon Silicon Solution Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 38 page
background image
This Data Sheet may be revised by subsequent versions
©2004 Eon Silicon Solution, Inc., www.essi.com.tw
or modifications due to changes in technical specifications.
13
EN25B32
Rev. C, Issue Date: 2007/06/21
Instruction Name
Byte 1
Code
Byte 2
Byte 3
Byte 4
Byte 5
Byte 6
n-Bytes
Write Enable
06h
Write Disable
04h
Read Status
Register
05h
(S7-S0)(1)
continuous
(2)
Write Status
Register
01h
S7-S0
Read Data
03h
A23-A16
A15-A8
A7-A0
(D7-D0)
(Next byte)
continuous
Fast Read
0Bh
A23-A16
A15-A8
A7-A0
dummy
(D7-D0)
(Next Byte)
continuous
Page Program
02h
A23-A16
A15-A8
A7-A0
D7-D0
(Next byte)
continuous
Sector Erase
D8h
A23-A16
A15-A8
A7-A0
Bulk Erase
C7h
Deep Power-down
B9h
Release from Deep
Power-down, and
read Device ID
dummy
dummy
dummy
(ID7-ID0)
(4)
Release from Deep
Power-down
ABh
Manufacturer/
Device ID
90h
dummy
dummy
00h(5)
(M7-M0)
(ID7-ID0)
Read Identification
9Fh
(M7-M0)
(ID15-ID8)
(ID7-ID0)
Enter OTP mode
3Ah
Notes:
1. Data bytes are shifted with Most Significant Bit first. Byte fields with data in parenthesis “( )” indicate data being read from
the device on the DO pin.
2. The Status Register contents will repeat continuously until CS# terminate the instruction.
3. All sectors may use any address within the sector.
4. The Device ID will repeat continuously until CS# terminate the instruction.
5. The Manufacturer ID and Device ID bytes will repeat continuously until CS# terminate the instruction.
00h on Byte 4 starts with MID and alternate with DID, 01h on Byte 4 starts with DID and alternate with MID.
Table 5. Manufacturer and Device Identification
Boot Type
OP Code
(M7-M0)
(ID15-ID0)
(ID7-ID0)
ABh
35h
90h
1Ch
35h
EN25B32(Bottom Boot)
9Fh
1Ch
2016h
ABh
45h
90h
1Ch
45h
EN25B32T(Top Boot)
9Fh
1Ch
2016h
Write Enable (WREN) (06h)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com