Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7B39 Datasheet(PDF) 2 Page - Analog Devices

Part # 7B39
Description  Isolated, Process Current Output
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

7B39 Datasheet(HTML) 2 Page - Analog Devices

  7B39 Datasheet HTML 1Page - Analog Devices 7B39 Datasheet HTML 2Page - Analog Devices 7B39 Datasheet HTML 3Page - Analog Devices 7B39 Datasheet HTML 4Page - Analog Devices 7B39 Datasheet HTML 5Page - Analog Devices 7B39 Datasheet HTML 6Page - Analog Devices 7B39 Datasheet HTML 7Page - Analog Devices 7B39 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
7B39
Rev. 0 | Page 2 of 8
GENERAL DESCRIPTION
The 7B39 is a single-channel signal conditioning current output
module that interfaces, isolates and filters a 0 V to +10 V or +1
V to +5 V input signal and provides an isolated process current
output of 0 mA to 20 mA or 4 mA to 20 mA across loads of 0 Ω
to 850 Ω . The output current appears at the 7B Series backplane
screw terminal block. Model 7B39 features a nonlinearity of
+0.02% maximum and an accuracy of +0.1% maximum
(+0.01% typical). Providing 1500 V rms of galvanic transformer
based isolation, output-to-input and power, the 7B39 offers a
common mode rejection (CMR) of 110 dB @ 50/60 Hz to
preserve the integrity of low level signals in noisy environments.
The 7B39 is mix-and-match and hot-swappable with other 7B
Series modules, so it can be inserted or removed from any
socket in the same backplane without disturbing system power.
Model 7B39 is rated to operate with a nominal +24 VDC supply.
The input signal from the user’s system is buffered and then
used to modulate the amplitude of a square wave carrier. The
modulated signal is transmitted across the signal transformer
and demodulated to retrieve the original input voltage signal.
This voltage is then filtered by a two-pole low pass 100 Hz filter,
buffered and converted to a current output signal. The nominal
+24 VDC module supply voltage powers the input side of the
7B39. The oscillator on the input side provides the square wave
carrier signal used by the modulator and also drives the power
transformer. The signal at the secondary of the transformer is
used in the demodulator and is also converted to a DC voltage
that powers the circuit on the module’s output. The floating
isolated current output of Model 7B39 is fully protected to 120
V rms line voltage.
Figure 2



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com